Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM24V01-G Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # FM24V01-G
Description  128Kb Serial 3V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24V01-G Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button FM24V01-G Datasheet HTML 5Page - Cypress Semiconductor FM24V01-G Datasheet HTML 6Page - Cypress Semiconductor FM24V01-G Datasheet HTML 7Page - Cypress Semiconductor FM24V01-G Datasheet HTML 8Page - Cypress Semiconductor FM24V01-G Datasheet HTML 9Page - Cypress Semiconductor FM24V01-G Datasheet HTML 10Page - Cypress Semiconductor FM24V01-G Datasheet HTML 11Page - Cypress Semiconductor FM24V01-G Datasheet HTML 12Page - Cypress Semiconductor FM24V01-G Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
FM24V01 - 128Kb I2C FRAM
Rev. 3.0
Jan. 2012
Page 9 of 14
Device ID
The FM24V01 device incorporates a means of
identifying the device by providing three bytes of
data, which are manufacturer, product ID, and die
revision.
The Device ID is read-only.
It can be
accessed as follows:
1.
The master sends a START command.
2.
The master sends Reserved Slave ID 0xF8
3.
The master sends the I
2C-bus slave address
of the slave device it needs to identify. The
last bit is a ‘Don’t care’ value (R/W bit).
Only one device must acknowledge this byte
(the one that has the I
2C-bus slave address).
4.
The master sends a Re-START command.
5.
The master sends Reserved Slave ID 0xF9
6.
The Device ID Read can be done, starting
with the 12 manufacturer bits, followed by
the 9 part identification bits, and then the 3
die revision bits.
7.
The master ends the Device ID read
sequence by NACKing the last byte, thus
resetting the slave device state machine and
allowing the master to send the STOP
command.
Note: The reading of the Device ID can be stopped
anytime by sending a NACK command.
S
A
Data Byte
Data Byte
1
P
By Master
By FM24V01
Start
Address
Stop
No
Acknowledge
Data
S
A
Rsvd Slave ID (F8)
Slave Address
A
Start
Address
Acknowledge
Rsvd Slave ID (F9)
A
A
Data Byte
Acknowledge
Figure 13. Read Device ID
Manufacturer ID
Product ID
Die Rev.
11
10
9
8
7
6
5
4
3
2
1
0
8
7
6
5
4
3
2
1
0
2
1
0
Ramtron
Density
Variation
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
1
N
0
0
0
0
0
0
0
Figure 14. Manufacturer and Product ID
Density: 01h=128Kb, 02h=256Kb, 03h=512Kb, 04=1Mb
Variation: Product ID bit 4 = S/N, Product ID bit 0 = reserved
The 3-byte hex code for an FM24V01 will be:
0x00 0x41 0x00


Similar Part No. - FM24V01-G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM24V01-G CYPRESS-FM24V01-G Datasheet
389Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM24V01-GTR CYPRESS-FM24V01-GTR Datasheet
389Kb / 15P
   128Kb Serial 3V F-RAM Memory
More results

Similar Description - FM24V01-G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25V01 CYPRESS-FM25V01 Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01_13 Datasheet
389Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM25V01 CYPRESS-FM25V01 Datasheet
508Kb / 15P
   128Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V01 RAMTRON-FM24V01 Datasheet
317Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25V01 RAMTRON-FM25V01 Datasheet
407Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com