Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM24V02 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # FM24V02
Description  256Kb Serial 3V F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24V02 Datasheet(HTML) 5 Page - Cypress Semiconductor

  FM24V02 Datasheet HTML 1Page - Cypress Semiconductor FM24V02 Datasheet HTML 2Page - Cypress Semiconductor FM24V02 Datasheet HTML 3Page - Cypress Semiconductor FM24V02 Datasheet HTML 4Page - Cypress Semiconductor FM24V02 Datasheet HTML 5Page - Cypress Semiconductor FM24V02 Datasheet HTML 6Page - Cypress Semiconductor FM24V02 Datasheet HTML 7Page - Cypress Semiconductor FM24V02 Datasheet HTML 8Page - Cypress Semiconductor FM24V02 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
FM24V02 - 256Kb I2C FRAM
Rev. 3.0
Jan. 2012
Page 5 of 16
Figure 4. Slave Address
Addressing Overview
After the FM24V02 (as receiver) acknowledges the
slave address, the master can place the memory
address on the bus for a write operation. The address
requires two bytes. The complete 15-bit address is
latched internally. Each access causes the latched
address value to be incremented automatically. The
current address is the value that is held in the latch --
either a newly written value or the address following
the last access. The current address will be held for as
long as power remains or until a new value is written.
Reads always use the current address. A random read
address can be loaded by beginning a write operation
as explained below.
After transmission of each data byte, just prior to the
acknowledge, the FM24V02 increments the internal
address latch. This allows the next sequential byte to
be accessed with no additional addressing. After the
last address (7FFFh) is reached, the address latch will
roll over to 0000h. There is no limit to the number of
bytes that can be accessed with a single read or write
operation.
Data Transfer
After the address information has been transmitted,
data transfer between the bus master and the
FM24V02 can begin. For a read operation the
FM24V02 will place 8 data bits on the bus then wait
for an acknowledge
from the
master. If the
acknowledge occurs, the FM24V02 will transfer the
next sequential byte. If the acknowledge is not sent,
the FM24V02 will end the read operation. For a write
operation, the FM24V02 will accept 8 data bits from
the master then send an acknowledge. All data
transfer occurs MSB (most significant bit) first.
Memory Operation
The FM24V02 is designed to operate in a manner
very similar to other 2-wire interface memory
products. The major differences result from the
higher performance write capability of F-RAM
technology. These improvements result in some
differences between the FM24V02 and a similar
configuration EEPROM during writes. The complete
operation for both writes and reads is explained
below.
Write Operation
All writes begin with a slave address, then a memory
address. The bus master indicates a write operation
by setting the LSB of the slave address (R/W bit) to a
‘0’. After addressing, the bus master sends each byte
of data to the memory and the memory generates an
acknowledge condition. Any number of sequential
bytes may be written. If the end of the address range
is reached internally, the address counter will wrap
from 7FFFh to 0000h.
Unlike other nonvolatile memory technologies, there
is no effective write delay with F-RAM. Since the
read and write access times of the underlying
memory are the same, the user experiences no delay
through the bus. The entire memory cycle occurs in
less time than a single bus clock. Therefore, any
operation
including
read
or
write
can
occur
immediately following a write. Acknowledge polling,
a technique used with EEPROMs to determine if a
write is complete is unnecessary and will always
return a ready condition.
Internally, an actual memory write occurs after the 8
th
data bit is transferred. It will be complete before the
acknowledge is sent. Therefore, if the user desires to
abort a write without altering the memory contents,
this should be done using start or stop condition prior
to the 8
th
data bit. The FM24V02 uses no page
buffering.
The memory array can be write-protected using the
WP pin. This feature is available only on FM24V02
and FM24VN02 devices. Setting the WP pin to a
high condition (VDD) will write-protect all addresses.
The FM24V02 will not acknowledge data bytes that
are written to protected addresses. In addition, the
address counter will not increment if writes are
attempted to these addresses. Setting WP to a low
state (VSS) will deactivate this feature. WP is pulled
down internally.
Figures 5 and 6 below illustrate a single-byte and
multiple-byte write cycles.
1
0
1
0
A2
R/W
Slave ID
7
6
5
4
3
2
1
0
A1
A0
Device Select


Similar Part No. - FM24V02

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02 RAMTRON-FM24V02 Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM24V02-G RAMTRON-FM24V02-G Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02-G RAMTRON-FM24V02-G Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM24V02-GTR RAMTRON-FM24V02-GTR Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
More results

Similar Description - FM24V02

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02 RAMTRON-FM24V02_10 Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02 Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02 CYPRESS-FM25V02_13 Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com