Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM24V02 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # FM24V02
Description  256Kb Serial 3V F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24V02 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button FM24V02 Datasheet HTML 6Page - Cypress Semiconductor FM24V02 Datasheet HTML 7Page - Cypress Semiconductor FM24V02 Datasheet HTML 8Page - Cypress Semiconductor FM24V02 Datasheet HTML 9Page - Cypress Semiconductor FM24V02 Datasheet HTML 10Page - Cypress Semiconductor FM24V02 Datasheet HTML 11Page - Cypress Semiconductor FM24V02 Datasheet HTML 12Page - Cypress Semiconductor FM24V02 Datasheet HTML 13Page - Cypress Semiconductor FM24V02 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
FM24V02 - 256Kb I2C FRAM
Rev. 3.0
Jan. 2012
Page 10 of 16
Unique Serial Number (FM24VN02 only)
The FM24VN02 device also incorporates a read-only
8-byte serial number.
It can be used to uniquely
identify a pc board or system. The serial number
includes a 40-bit unique number, an 8-bit CRC, and a
16-bit number that can be defined upon request by
the customer. If a customer-specific number is not
requested, the 16-bit Customer Identifier is 0x0000.
The 8 bytes of data are accessed via a Slave Address
sequence similar to the Device ID. The serial number
can be read by the system as follows:
1.
The master sends a START command
2.
The master sends Reserved Slave ID 0xF8
3.
The master sends the I
2C-bus slave address of
the slave device it needs to identify. The last
two bits are ‘Don’t care’ values. Only one
device must acknowledge this byte (the one
that has the I
2C-bus slave address).
4.
The master sends a Re-START command
5.
The master sends Reserved Slave ID 0xCD to
read the serial number.
6.
The master ends the serial number read
sequence by NACKing the last byte, thus
resetting the slave device state machine and
allowing the master to send the STOP
command.
The 8-bit CRC value can be used to compare to the
value calculated by the controller. If the two values
match, then the communication between slave and
master was performed without errors. The function
(shown below) is used to calculate the CRC value.
To perform the calculation, 7 bytes of data are filled
into a memory buffer in the same order as they are
read from the part – i.e. byte7, byte6, byte5, byte4,
byte3, byte2, byte1 of the serial number.
The
calculation is performed on the 7 bytes, and the result
should match the final byte out from the part which is
byte0, the 8-bit CRC value.
CUSTOMER IDENTIFIER *
40-bit UNIQUE NUMBER
8-bit CRC
SN(63:56)
SN(55:48)
SN(47:40)
SN(39:32)
SN(31:24)
SN(23:16)
SN(15:8)
SN(7:0)
* Contact factory for requesting a customer identifier number.
Figure 15. 8-Byte Serial Number (read-only)
S
A
Data Byte 7
1
P
By Master
By FM24VN02
Start
Address
Stop
No
Acknowledge
Data
S
A
Rsvd Slave ID (F8)
Slave Address
A
Start
Address
Acknowledge
Rsvd Slave ID (CD)
A
A
Data Byte 0
Acknowledge
Figure 16. Read Serial Number
Function to Calculate CRC
BYTE calcCRC8( BYTE* pData, int nBytes )
{
static BYTE crctable[256] = {
0x00, 0x07, 0x0E, 0x09, 0x1C, 0x1B, 0x12, 0x15,
0x38, 0x3F, 0x36, 0x31, 0x24, 0x23, 0x2A, 0x2D,
0x70, 0x77, 0x7E, 0x79, 0x6C, 0x6B, 0x62, 0x65,
0x48, 0x4F, 0x46, 0x41, 0x54, 0x53, 0x5A, 0x5D,
0xE0, 0xE7, 0xEE, 0xE9, 0xFC, 0xFB, 0xF2, 0xF5,
0xD8, 0xDF, 0xD6, 0xD1, 0xC4, 0xC3, 0xCA, 0xCD,
0x90, 0x97, 0x9E, 0x99, 0x8C, 0x8B, 0x82, 0x85,
0xA8, 0xAF, 0xA6, 0xA1, 0xB4, 0xB3, 0xBA, 0xBD,
0xC7, 0xC0, 0xC9, 0xCE, 0xDB, 0xDC, 0xD5, 0xD2,
0xFF, 0xF8, 0xF1, 0xF6, 0xE3, 0xE4, 0xED, 0xEA,
0xB7, 0xB0, 0xB9, 0xBE, 0xAB, 0xAC, 0xA5, 0xA2,
0x8F, 0x88, 0x81, 0x86, 0x93, 0x94, 0x9D, 0x9A,
0x27, 0x20, 0x29, 0x2E, 0x3B, 0x3C, 0x35, 0x32,
0x1F, 0x18, 0x11, 0x16, 0x03, 0x04, 0x0D, 0x0A,


Similar Part No. - FM24V02

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02 RAMTRON-FM24V02 Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM24V02-G RAMTRON-FM24V02-G Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02-G RAMTRON-FM24V02-G Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM24V02-GTR RAMTRON-FM24V02-GTR Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
More results

Similar Description - FM24V02

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02 RAMTRON-FM24V02_10 Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02 Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02 CYPRESS-FM25V02_13 Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com