Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25C160B Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # FM25C160B
Description  16Kb Serial 5V F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25C160B Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button FM25C160B Datasheet HTML 2Page - Cypress Semiconductor FM25C160B Datasheet HTML 3Page - Cypress Semiconductor FM25C160B Datasheet HTML 4Page - Cypress Semiconductor FM25C160B Datasheet HTML 5Page - Cypress Semiconductor FM25C160B Datasheet HTML 6Page - Cypress Semiconductor FM25C160B Datasheet HTML 7Page - Cypress Semiconductor FM25C160B Datasheet HTML 8Page - Cypress Semiconductor FM25C160B Datasheet HTML 9Page - Cypress Semiconductor FM25C160B Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
FM25C160B - 16Kb 5V SPI F-RAM
Rev. 3.0
Jan. 2012
Page 6 of 13
RDSR - Read Status Register
The RDSR command allows the bus master to verify
the contents of the Status register. Reading Status
provides information about the current state of the
write protection features. Following the RDSR op-
code, the FM25C160B will return one byte with the
contents of the Status register. The Status register is
described in detail in a later section.
WRSR – Write Status Register
The WRSR command allows the user to select
certain write protection features by writing a byte to
the Status register. Prior to issuing a WRSR
command, the /WP pin must be high or inactive. Note
that on the FM25C160B, /WP only prevents writing
to the Status register, not the memory array. Prior to
sending the WRSR command, the user must send a
WREN command to enable writes. Note that
executing a WRSR command is a write operation and
therefore clears the Write Enable Latch. The bus
timing for RDSR and WRSR are shown below.
Figure 7. RDSR Bus Timing
Figure 8. WRSR Bus Timing
Status Register & Write Protection
The write protection features of the FM25C160B are
multi-tiered. First, a WREN op-code must be issued
prior to any write operation. Assuming that writes are
enabled using WREN,
writes to
memory are
controlled by the Status register. As described above,
writes to the status register are performed using the
WRSR command and subject to the /WP pin. The
Status register is organized as follows.
Table 2. Status Register
Bit
7
6
5
4
3
2
1
0
Name
WPEN
0
0
0
BP1
BP0
WEL
0
Bits 0 and 4-6 are fixed at 0 and cannot be modified.
Note that bit 0 (/RDY in EEPROMs) is wired low
since F-RAM writes have no delay and the memory
is never busy. All EEPROMs use Ready to indicate
whether a write cycle is complete or not. The WPEN,
BP1 and BP0 control write protection features. They
are nonvolatile (shaded yellow). The WEL flag
indicates the state of the Write Enable Latch. This bit
is internally set by the WREN command and is
cleared by terminating a write cycle (/CS high) or by
using the WRDI command.
BP1 and BP0 are memory block write protection bits.
They specify portions of memory that are write
protected as shown in the following table.
Table 3. Block Memory Write Protection
BP1
BP0
Protected Address Range
0
0
None
0
1
600h to 7FFh (upper ¼)
1
0
400h to 7FFh (upper ½)
1
1
000h to 7FFh (all)


Similar Part No. - FM25C160B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25C160B RAMTRON-FM25C160B Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
720Kb / 20P
   16-Kbit (2 K 횞 8) Serial (SPI) Automotive F-RAM
FM25C160B CYPRESS-FM25C160B Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160B-G RAMTRON-FM25C160B-G Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B-G CYPRESS-FM25C160B-G Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
More results

Similar Description - FM25C160B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160B RAMTRON-FM25C160B Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM24C16B RAMTRON-FM24C16B Datasheet
225Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B_13 Datasheet
341Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B Datasheet
363Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com