Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25CL64B Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # FM25CL64B
Description  64Kb Serial 3V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25CL64B Datasheet(HTML) 2 Page - Cypress Semiconductor

  FM25CL64B Datasheet HTML 1Page - Cypress Semiconductor FM25CL64B Datasheet HTML 2Page - Cypress Semiconductor FM25CL64B Datasheet HTML 3Page - Cypress Semiconductor FM25CL64B Datasheet HTML 4Page - Cypress Semiconductor FM25CL64B Datasheet HTML 5Page - Cypress Semiconductor FM25CL64B Datasheet HTML 6Page - Cypress Semiconductor FM25CL64B Datasheet HTML 7Page - Cypress Semiconductor FM25CL64B Datasheet HTML 8Page - Cypress Semiconductor FM25CL64B Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
FM25CL64B - 64Kb 3V SPI F-RAM
Rev. 3.0
Jan. 2012
Page 2 of 14
Instruction Decode
Clock Generator
Control Logic
Write Protect
Instruction Register
Address Register
Counter
1,024 x 64
FRAM Array
13
Data I/O Register
8
Nonvolatile Status
Register
3
WP
CS
HOLD
SCK
SO
SI
Figure 1. Block Diagram
Pin Descriptions
Pin Name
I/O
Description
/CS
Input
Chip Select: This active low input activates the device. When high, the device enters
low-power standby mode, ignores other inputs, and all outputs are tri-stated. When
low, the device internally activates the SCK signal. A falling edge on /CS must occur
prior to every op-code.
SCK
Input
Serial Clock: All I/O activity is synchronized to the serial clock. Inputs are latched on
the rising edge and outputs occur on the falling edge. Since the device is static, the
clock frequency may be any value between 0 and 20 MHz and may be interrupted at
any time.
/HOLD
Input
Hold: The /HOLD pin is used when the host CPU must interrupt a memory operation
for another task. When /HOLD is low, the current operation is suspended. The device
ignores any transition on SCK or /CS. All transitions on /HOLD must occur while
SCK is low.
/WP
Input
Write Protect: This active low pin prevents write operations to the Status Register.
This is critical since other write protection features are controlled through the Status
Register. A complete explanation of write protection is provided on pages 6 & 7.
SI
Input
Serial Input: All data is input to the device on this pin. The pin is sampled on the
rising edge of SCK and is ignored at other times. It should always be driven to a valid
logic level to meet IDD specifications.
* SI may be connected to SO for a single pin data interface.
SO
Output
Serial Output: This is the data output pin. It is driven during a read and remains tri-
stated at all other times including when /HOLD is low. Data transitions are driven on
the falling edge of the serial clock.
* SO may be connected to SI for a single pin data interface.
VDD
Supply
Power Supply (2.7V to 3.65V)
VSS
Supply
Ground


Similar Part No. - FM25CL64B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25CL64B RAMTRON-FM25CL64B Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
FM25CL64B-DG RAMTRON-FM25CL64B-DG Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25CL64B-DG CYPRESS-FM25CL64B-DG Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25CL64B-DGTR RAMTRON-FM25CL64B-DGTR Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25CL64B-DGTR CYPRESS-FM25CL64B-DGTR Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25CL64B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B_13 Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
FM24CL64B CYPRESS-FM24CL64B_13 Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25CL64B RAMTRON-FM25CL64B Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
FM24CL64B RAMTRON-FM24CL64B Datasheet
225Kb / 12P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM25CL64B-GA CYPRESS-FM25CL64B-GA Datasheet
425Kb / 15P
   Automotive Temp. 64Kb Serial 3V F-RAM Memory
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com