Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25V01 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # FM25V01
Description  128Kb Serial 3V F-RAM Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25V01 Datasheet(HTML) 1 Page - Cypress Semiconductor

  FM25V01 Datasheet HTML 1Page - Cypress Semiconductor FM25V01 Datasheet HTML 2Page - Cypress Semiconductor FM25V01 Datasheet HTML 3Page - Cypress Semiconductor FM25V01 Datasheet HTML 4Page - Cypress Semiconductor FM25V01 Datasheet HTML 5Page - Cypress Semiconductor FM25V01 Datasheet HTML 6Page - Cypress Semiconductor FM25V01 Datasheet HTML 7Page - Cypress Semiconductor FM25V01 Datasheet HTML 8Page - Cypress Semiconductor FM25V01 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This product conforms to specifications per the terms of the Ramtron
standard warranty. The product has completed Ramtron’s
internal qualification testing and has reached production status.
Cypress Semiconductor Corporation
198 Champion Court
San Jose, CA 95134-1709
408-943-2600
Document Number: 001-84492 Rev. *B
Revised May 29, 2013
FM25V01
128Kb Serial 3V F-RAM Memory
Features
128K bit Ferroelectric Nonvolatile RAM
Organized as 16,384 x 8 bits
High Endurance 100 Trillion (10
14) Read/Writes
10 Year Data Retention
NoDelay™ Writes
Advanced High-Reliability Ferroelectric Process
Very Fast Serial Peripheral Interface - SPI
Up to 40 MHz Frequency
Direct Hardware Replacement for Serial Flash
SPI Mode 0 & 3 (CPOL, CPHA=0,0 & 1,1)
Write Protection Scheme
Hardware Protection
Software Protection
Device ID
Device ID reads out Manufacturer ID & Part ID
Low Voltage, Low Power
Low Voltage Operation 2.0V – 3.6V
Active Current 120 A (typ. @ 1MHz)
Standby Current 90 A (typ.)
Sleep Mode Current 5 A (typ.)
Industry Standard Configurations
Industrial Temperature -40 C to +85 C
8-pin “Green”/RoHS SOIC Package
Description
The FM25V01 is a 128-kilobit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or F-RAM is
nonvolatile and performs reads and writes like a
RAM. It provides reliable data retention for 10 years
while eliminating the complexities, overhead, and
system level reliability problems caused by Serial
Flash and other nonvolatile memories.
Unlike Serial Flash, the FM25V01 performs write
operations at bus speed. No write delays are incurred.
Data is written to the memory array immediately
after it has been transferred to the device. The next
bus cycle may commence without the need for data
polling.
The
product
offers
very
high
write
endurance, orders of magnitude more endurance than
Serial Flash. Also, F-RAM exhibits lower power
consumption than Serial Flash.
These capabilities make the FM25V01 ideal for
nonvolatile memory applications requiring frequent
or rapid writes or low power operation. Examples
range from data collection, where the number of
write cycles may be critical, to demanding industrial
controls where the long write time of Serial Flash can
cause data loss.
The FM25V01 provides substantial benefits to users
of Serial Flash as a hardware drop-in replacement.
The device uses the high-speed SPI bus, which
enhances the high-speed write capability of F-RAM
technology. The device incorporates a read-only
Device ID that allows the host to determine the
manufacturer, product density, and product revision.
The
device
is
guaranteed
over
an
industrial
temperature range of -40°C to +85°C.
Pin Configuration
S
Q
W
VSS
VDD
HOLD
C
D
1
2
3
4
8
7
6
5
Pin Name
Function
/S
Chip Select
/W
Write Protect
/HOLD
Hold
C
Serial Clock
D
Serial Data Input
Q
Serial Data Output
VDD
Supply Voltage
VSS
Ground


Similar Part No. - FM25V01

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25V01 RAMTRON-FM25V01 Datasheet
407Kb / 15P
   128Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V01 CYPRESS-FM25V01 Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
FM25V01-G CYPRESS-FM25V01-G Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
FM25V01-GTR CYPRESS-FM25V01-GTR Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
   128-Kbit (16K 횞 8) Serial (SPI) F-RAM
More results

Similar Description - FM25V01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25V01 CYPRESS-FM25V01 Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01_13 Datasheet
389Kb / 15P
   128Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V01 RAMTRON-FM24V01 Datasheet
317Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25V01 RAMTRON-FM25V01 Datasheet
407Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com