Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83195BR-S Datasheet(PDF) 5 Page - Winbond

Part # W83195BR-S
Description  STEPLESS 200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83195BR-S Datasheet(HTML) 5 Page - Winbond

  W83195BR-S Datasheet HTML 1Page - Winbond W83195BR-S Datasheet HTML 2Page - Winbond W83195BR-S Datasheet HTML 3Page - Winbond W83195BR-S Datasheet HTML 4Page - Winbond W83195BR-S Datasheet HTML 5Page - Winbond W83195BR-S Datasheet HTML 6Page - Winbond W83195BR-S Datasheet HTML 7Page - Winbond W83195BR-S Datasheet HTML 8Page - Winbond W83195BR-S Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
W83195BR-S
PRELIMINARY
Publication Release Date: June 2000
- 5 -
Revision 0.42
0
1
1
1
0
0
66.60
100.00
66.67
33.33
16.67
0
1
1
1
0
1
100.00
100.00
66.67
33.33
16.67
0
1
1
1
1
0
133.30
133.30
66.65
33.33
16.66
0
1
1
1
1
1
133.30
100.00
66.67
33.33
16.67
SSEL5 SSEL4 SSEL3 SSEL2 SSEL1 SSEL0
CPU
(MHz)
SDRAM
(MHz)
3V66
(MHz)
PCI(MHz)
IOAPIC
(MHz)
1
0
0
0
0
0
136.00
102.00
68.00
34.00
17.00
1
0
0
0
0
1
138.00
138.00
69.00
34.50
17.25
1
0
0
0
1
0
139.00
104.25
69.50
34.75
17.38
1
0
0
0
1
1
141.00
105.75
70.50
35.25
17.63
1
0
0
1
0
0
142.00
142.00
71.00
35.50
17.75
1
0
0
1
0
1
142.00
106.50
71.00
35.50
17.75
1
0
0
1
1
0
143.00
143.00
71.50
35.75
17.88
1
0
0
1
1
1
143.00
107.25
71.50
35.75
17.88
1
0
1
0
0
0
144.00
144.00
72.00
36.00
18.00
1
0
1
0
0
1
144.00
108.00
72.00
36.00
18.00
1
0
1
0
1
0
146.00
146.00
73.00
36.50
18.25
1
0
1
0
1
1
146.00
109.50
73.00
36.50
18.25
1
0
1
1
0
0
147.00
147.00
73.50
36.75
18.38
1
0
1
1
0
1
147.00
110.25
73.50
36.75
18.38
1
0
1
1
1
0
148.00
148.00
74.00
37.00
18.50
1
0
1
1
1
1
148.00
111.00
74.00
37.00
18.50
1
1
0
0
0
0
149.00
111.75
74.50
37.25
18.63
1
1
0
0
0
1
152.00
152.00
76.00
38.00
19.00
1
1
0
0
1
0
153.00
114.75
76.50
38.25
19.13
1
1
0
0
1
1
156.00
156.00
78.00
39.00
19.50
1
1
0
1
0
0
157.00
117.75
78.50
39.25
19.63
1
1
0
1
0
1
158.00
158.00
79.00
39.50
19.75
1
1
0
1
1
0
159.00
119.25
79.50
39.75
19.88
1
1
0
1
1
1
160.00
160.00
80.00
40.00
20.00
1
1
1
0
0
0
162.00
121.50
81.00
40.50
20.25
1
1
1
0
0
1
164.00
123.00
82.00
41.00
20.50
1
1
1
0
1
0
170.00
127.50
85.00
42.50
21.25
1
1
1
0
1
1
175.00
116.67
77.78
38.89
19.44
1
1
1
1
0
0
180.00
120.00
80.00
40.00
20.00
1
1
1
1
0
1
185.00
185.00
61.67
30.83
15.42
1
1
1
1
1
0
190.00
126.67
63.33
31.67
15.83
1
1
1
1
1
1
200.40
133.60
66.80
33.40
16.70


Similar Part No. - W83195BR-S

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195BR-101 WINBOND-W83195BR-101 Datasheet
673Kb / 27P
   Winbond Clock Generator For Intel 915/925 Chipsets
W83195BR-118 WINBOND-W83195BR-118 Datasheet
361Kb / 28P
   Clock Generator
W83195BR-25 WINBOND-W83195BR-25 Datasheet
264Kb / 18P
   200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
W83195BR-341 WINBOND-W83195BR-341 Datasheet
325Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83195BR-341 WINBOND-W83195BR-341 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
More results

Similar Description - W83195BR-S

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195AR-25 WINBOND-W83195AR-25 Datasheet
245Kb / 16P
   200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
W83195BR-25 WINBOND-W83195BR-25 Datasheet
264Kb / 18P
   200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
W83194BR-S WINBOND-W83194BR-S Datasheet
295Kb / 17P
   200MHZ 2-DIMM CLOCK FOR SOLANO CHIPSET
W83194BR-138 WINBOND-W83194BR-138 Datasheet
233Kb / 14P
   200MHZ CLOCK FOR SOLANO CHIPSET
W83195AR-WE WINBOND-W83195AR-WE Datasheet
178Kb / 10P
   200MHZ 3-DIMM CLOCK FOR WHITNEY CHIPSET
W83194BR-703 WINBOND-W83194BR-703 Datasheet
741Kb / 28P
   STEPLESS CLOCK FOR SIS 741 CHIPSET
W83194BR-323 WINBOND-W83194BR-323 Datasheet
319Kb / 18P
   STEPLESS CLOCK FOR INTEL BROOKDALE CHIPSET
W83194AR-WE WINBOND-W83194AR-WE Datasheet
270Kb / 16P
   200MHZ CLOCK FOR WHITNEY CHIPSET
W83194BR-C WINBOND-W83194BR-C Datasheet
215Kb / 13P
   200MHZ CLOCK FOR CAMINO CHIPSET
W83194AR-96 WINBOND-W83194AR-96 Datasheet
214Kb / 12P
   200MHZ CLOCK FOR WHITNEY CHIPSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com