Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLS1A01Q3BT4 Datasheet(PDF) 1 Page - Honeywell Accelerometers

Part # WLS1A01Q3BT4
Description  Limitless??Single Switch Adapter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

WLS1A01Q3BT4 Datasheet(HTML) 1 Page - Honeywell Accelerometers

  WLS1A01Q3BT4 Datasheet HTML 1Page - Honeywell Accelerometers WLS1A01Q3BT4 Datasheet HTML 2Page - Honeywell Accelerometers WLS1A01Q3BT4 Datasheet HTML 3Page - Honeywell Accelerometers WLS1A01Q3BT4 Datasheet HTML 4Page - Honeywell Accelerometers WLS1A01Q3BT4 Datasheet HTML 5Page - Honeywell Accelerometers WLS1A01Q3BT4 Datasheet HTML 6Page - Honeywell Accelerometers WLS1A01Q3BT4 Datasheet HTML 7Page - Honeywell Accelerometers WLS1A01Q3BT4 Datasheet HTML 8Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Limitless™ Single Switch Adapter
WLS Series
DESCRIPTION
Honeywell’s Limitless™ product line uses the latest commercial
off-the-shelf wireless technology and is now expanding the WLS
Series to convert almost any electromechanical switch with
low-energy contacts (i.e., gold) into a wireless switch. A user-
supplied electromechanical switch is simply wired to the WLS
Series Single Switch Adapter via the internal or external connec-
tions to then become a wireless-enabled switch for use with the
Limitless™ WPMM or WDRR Series of monitors/receivers. The
Limitless™ Single Switch Adapter can be used in a variety of in-
dustrial wireless limit switch applications such as reed, contact,
pressure, door actuator, etc.
The Limitless™ Series is especially beneficial for remote moni-
toring applications where wiring or wire maintenance is not
physically possible or economically feasible. Combining this
greater flexibility with proven harsh-duty packaging can result in
increased efficiencies and improved safety for machines, equip-
ment, OEMs, and operators.
FEATURES
Wireless Design
• Radio(license-freeandglobal):WPAN802.15.4,2.4GHz,
point-to-point
• FCC15,IC,ACMA,ETSI,COFETEL,WPC&IDA
• Upto305m[1000ft]line-of-sightcommunicationrange
when used with a Limitless™ WPMM Series wireless monitor
or WDRR Series receiver module (sold separately)
• Reliable,flexible,andsecurewirelesstransmission
• Standardreplaceablebatterywithultra-lowpowercon-
sumption
• Directorremotemountantennaoptions
Mechanical Design
• IP67;NEMA1,4,12,13
• 4PINM12micro-changereceptacle,cablegripwithinter-
nal connector wiring options
• Internalbatterypower
• Bodyphosphatetreatedandepoxyfinishedwitha30%
glass-filledPBTplastichead
BENEFITS
• Allowsalmostanytypeofelectromechanicalswitchwith
low-energy contacts (i.e., gold) to become “wireless”
• Enablespresence/absencedetectioninremotepartsofap-
plication/machinery, where wiring is an issue or not feasible
• Abilitytoreconfiguremultipleswitches,whicheasilyallows
for adding, subtracting or relocating of the Limitless™ WLS
Single Switch Adapters
• Reducedinstallation/maintenancecostswithnowires,con-
duit, strain relief, clips, connectors, connection boxes, etc.
• Eliminatesissueswithwireconnectionintegrityonmoving
equipment
• Consumesultra-lowpowertoprolongbatterylife
POTENTIAL APPLICATIONS
• Agriculturalequipment
• Constructionequipment
• Dooractuation(up/down)switch
• Industrialmachines
• Lifts
• Machinetools
• Packagingmachinery
• Wirelesswarehouseoperations
• Wirelesselectromechanicalswitchapplications(i.e.,pres-
sure switch, reed switch, basic switch and/or limit switch)


Similar Part No. - WLS1A01Q3BT4

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
WLS1A00AQRS1 HONEYWELL-ACC-WLS1A00AQRS1 Datasheet
1Mb / 8P
   Wireless Non-Contact Switch (WLS Series)
WLS1A00AQRS2 HONEYWELL-ACC-WLS1A00AQRS2 Datasheet
1Mb / 8P
   Wireless Non-Contact Switch (WLS Series)
WLS1A00BQRS1 HONEYWELL-ACC-WLS1A00BQRS1 Datasheet
1Mb / 8P
   Wireless Non-Contact Switch (WLS Series)
WLS1A00BQRS2 HONEYWELL-ACC-WLS1A00BQRS2 Datasheet
1Mb / 8P
   Wireless Non-Contact Switch (WLS Series)
More results

Similar Description - WLS1A01Q3BT4

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
WOI1A00APAG HONEYWELL-ACC-WOI1A00APAG Datasheet
1Mb / 7P
   Limitless??Wireless Operator Interface
logo
Lumileds Lighting Compa...
PB185 LUMILEDS-PB185 Datasheet
1Mb / 2P
   Unique LED enabling limitless design freedom
DS185 LUMILEDS-DS185 Datasheet
1Mb / 21P
   Unique LED enabling limitless design freedom
logo
CINCON ELECTRONICS Corp...
TR160M CINCON-TR160M Datasheet
556Kb / 5P
   160 WATT MEDICAL SWITCH ADAPTER
logo
Phihong USA Inc.
PSS45W-090 PHIHONG-PSS45W-090 Datasheet
182Kb / 2P
   Single Output Adapter Series
logo
List of Unclassifed Man...
SPD-060 ETC2-SPD-060 Datasheet
75Kb / 1P
   60W, Single Output Adapter
HD-3000S ETC2-HD-3000S Datasheet
1Mb / 3P
   Single Channel HD-SDI Adapter
logo
PHOENIX CONTACT
2700150 PHOENIX-2700150 Datasheet
48Kb / 2P
   Adapter for single-hole mounting
logo
ETA-USA
WTA20-SX-Y-C2 ETA-USA-WTA20-SX-Y-C2 Datasheet
341Kb / 5P
   20 WATT SINGLE OUTPUT SWITCHING ADAPTER
DTT36-SX-W ETA-USA-DTT36-SX-W Datasheet
565Kb / 4P
   36 WATT SINGLE OUTPUT SWITCHING ADAPTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com