Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAMK2520T1R0M_1212 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # MAMK2520T1R0M_1212
Description  Metal Core Wire-wound Chip Power Inductors (MCOIL(TM) MA series)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

MAMK2520T1R0M_1212 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  MAMK2520T1R0M_1212 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
Metal Core Wire-wound Chip Power Inductors (MCOIL(TM) MA series)
MAMK2520T1R0M
Features
Item Summary
1.0μH(±20%), 3100mA, 2700mA
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 3000pcs
Products characteristics table
CaseSize (EIA/JIS)
-/2520
Inductance
1.0μH(±20%)
Inductance Measuring Frequency
2MHz
Rated Current -Saturation Current
3100mA
Rated Current -Temperature Rise Current
2700mA
DC Resistance (max)
0.059Ω
Temperature Range
-40℃ to 105℃
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
2.5mm ±0.2
W
2mm ±0.2
H
1.2mm max
2012.12.24
1 / 1


Similar Part No. - MAMK2520T1R0M_1212

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
MAMK2520T1R0M TAIYO-YUDEN-MAMK2520T1R0M_19 Datasheet
333Kb / 3P
   Metal Core Wire-wound Chip Power Inductors (MCOIL, MA series)
More results

Similar Description - MAMK2520T1R0M_1212

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
MAKK2520T1R5M TAIYO-YUDEN-MAKK2520T1R5M_19 Datasheet
333Kb / 3P
   Metal Core Wire-wound Chip Power Inductors (MCOIL, MA series)
MAKK2520TR33M TAIYO-YUDEN-MAKK2520TR33M_19 Datasheet
333Kb / 3P
   Metal Core Wire-wound Chip Power Inductors (MCOIL, MA series)
MAKK2520TR68M TAIYO-YUDEN-MAKK2520TR68M_19 Datasheet
333Kb / 3P
   Metal Core Wire-wound Chip Power Inductors (MCOIL, MA series)
MAKK2016T2R2M TAIYO-YUDEN-MAKK2016T2R2M_19 Datasheet
333Kb / 3P
   Metal Core Wire-wound Chip Power Inductors (MCOIL, MA series)
MAKK2016T4R7M TAIYO-YUDEN-MAKK2016T4R7M_19 Datasheet
333Kb / 3P
   Metal Core Wire-wound Chip Power Inductors (MCOIL, MA series)
MAKK2016TR33M TAIYO-YUDEN-MAKK2016TR33M_19 Datasheet
333Kb / 3P
   Metal Core Wire-wound Chip Power Inductors (MCOIL, MA series)
MAKK2520TR47M TAIYO-YUDEN-MAKK2520TR47M_19 Datasheet
333Kb / 3P
   Metal Core Wire-wound Chip Power Inductors (MCOIL, MA series)
MAMK2520T2R2M TAIYO-YUDEN-MAMK2520T2R2M_19 Datasheet
333Kb / 3P
   Metal Core Wire-wound Chip Power Inductors (MCOIL, MA series)
MAKK2016T1R5M TAIYO-YUDEN-MAKK2016T1R5M_19 Datasheet
333Kb / 3P
   Metal Core Wire-wound Chip Power Inductors (MCOIL, MA series)
MAKK2520T1R0M TAIYO-YUDEN-MAKK2520T1R0M_19 Datasheet
333Kb / 3P
   Metal Core Wire-wound Chip Power Inductors (MCOIL, MA series)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com