Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SV233 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 1SV233
Description  PIN Diode for VHF, UHF, AGC Use
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

1SV233 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  1SV233_12 Datasheet HTML 1Page - Sanyo Semicon Device 1SV233_12 Datasheet HTML 2Page - Sanyo Semicon Device 1SV233_12 Datasheet HTML 3Page - Sanyo Semicon Device 1SV233_12 Datasheet HTML 4Page - Sanyo Semicon Device 1SV233_12 Datasheet HTML 5Page - Sanyo Semicon Device 1SV233_12 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1SV233
No.3088-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reverse Voltage
VR
IR=10μA50
V
Reverse Current
IR
VR=50V
0.1
μA
Forward Voltage
VF
IF=50mA
0.95
V
Interterminal Capacitance
C
VR=50V, f=1MHz
0.23
pF
Series Resistance
rs
IF=10mA, f=100MHz
5
Ω
Ordering Information
Device
Package
Shipping
memo
1SV233-TB-E
CP
3,000pcs./reel
Pb Free


Similar Part No. - 1SV233_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SV233-TB-E ONSEMI-1SV233-TB-E Datasheet
260Kb / 6P
   PIN Diode
September, 2013
More results

Similar Description - 1SV233_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
1SV233 SANYO-1SV233 Datasheet
68Kb / 3P
   PIN Diode for VHF, UHF, AGC Use
logo
Guangdong Kexin Industr...
1SV233 KEXIN-1SV233 Datasheet
35Kb / 1P
   PIN Diode for VHF,UHF,AGC USE
1SV234 KEXIN-1SV234 Datasheet
36Kb / 1P
   PIN Diode for VHF,UHF,AGC USE Applications
1SV266 KEXIN-1SV266 Datasheet
36Kb / 1P
   PIN Diode for VHF,UHF,AGC Applications
logo
Sanyo Semicon Device
1SV263 SANYO-1SV263_12 Datasheet
415Kb / 6P
   Pin Diode for VHF, UHF, AGC Applications
1SV247 SANYO-1SV247 Datasheet
55Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV267 SANYO-1SV267 Datasheet
64Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV250 SANYO-1SV250 Datasheet
62Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV264 SANYO-1SV264_12 Datasheet
369Kb / 6P
   Pin Diode for VHF, UHF, AGC Applications
1SV234 SANYO-1SV234_12 Datasheet
355Kb / 6P
   PIN Diode for VHF, UHF, AGC Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com