Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN3240C Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # EN3240C
Description  UHF Detector, Mixer Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN3240C Datasheet(HTML) 4 Page - Sanyo Semicon Device

  EN3240C Datasheet HTML 1Page - Sanyo Semicon Device EN3240C Datasheet HTML 2Page - Sanyo Semicon Device EN3240C Datasheet HTML 3Page - Sanyo Semicon Device EN3240C Datasheet HTML 4Page - Sanyo Semicon Device EN3240C Datasheet HTML 5Page - Sanyo Semicon Device EN3240C Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1SS351
No.3240-4/6
Embossed Taping Specification
1SS351-TB-E


Similar Part No. - EN3240C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN3235A ONSEMI-EN3235A Datasheet
580Kb / 6P
   Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single NMP
September, 2013
More results

Similar Description - EN3240C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
1SS351 SANYO-1SS351 Datasheet
56Kb / 2P
   UHF Detector, Mixer Applications
1SS350 SANYO-1SS350 Datasheet
57Kb / 2P
   UHF Detector, Mixer Applications
1SS345 SANYO-1SS345 Datasheet
62Kb / 2P
   UHF Detector, Mixer Applications
1SS365 SANYO-1SS365 Datasheet
50Kb / 2P
   VHF, UHF Detector and Mixer Applications
logo
Toshiba Semiconductor
1SS154 TOSHIBA-1SS154_07 Datasheet
204Kb / 3P
   UHF~S Band Mixer/Detector Applications
logo
Guangdong Kexin Industr...
1SS375 KEXIN-1SS375 Datasheet
44Kb / 1P
   VHF,UHF Detector and Mixer Applications
logo
Sanyo Semicon Device
1SS358 SANYO-1SS358 Datasheet
55Kb / 2P
   VHF, UHF Detector and Mixer Applications
1SS366 SANYO-1SS366 Datasheet
51Kb / 2P
   VHF, UHF Detector and Mixer Applications
1SS375 SANYO-1SS375 Datasheet
51Kb / 2P
   VHF, UHF Detector and Mixer Applications
logo
Guangdong Kexin Industr...
1SS154 KEXIN-1SS154 Datasheet
33Kb / 1P
   UHF~S BAND MIXER/DETECTOR APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com