Electronic Components Datasheet Search |
|
1SV246 Datasheet(PDF) 1 Page - Sanyo Semicon Device |
|
1SV246 Datasheet(HTML) 1 Page - Sanyo Semicon Device |
1 / 6 page 1SV246 No.3906-1/6 Features • Series connection of 2 elements in a very small-sized package facilitates high-density mounting and permits 1SV246-applied equipment to be made smaller • Small interterminal capacitance (C=0.23pF typ) • Small forward series resistance (rs=5 Ω typ) Specifications Absolute Maximum Ratings at Ta=25°C Parameter Symbol Conditions Ratings Unit Reverse Voltage VR 50 V Forward Current IF 50 mA Allowable Power Dissipation P 100 mW Junction Temperature Tj 125 °C Storage Temperature Tstg --55 to +125 °C Package Dimensions unit : mm (typ) 7023A-007 Ordering number : EN3906A 72512 TKIM/41098HA (KT)/42294YH (KOTO) 8-7296 1SV246 http://semicon.sanyo.com/en/network Product & Package Information • Package : MCP • JEITA, JEDEC : SC-70, SOT-323 • Minimum Packing Quantity : 3,000 pcs./reel Packing Type: TL Marking Electrical Connection SANYO Semiconductors DATA SHEET CV LOT No. LOT No. 3 12 TL 1 : Anode 2 : Cathode 3 : Cathode / Anode SANYO : MCP 3 12 2.0 0.65 0.3 0 to 0.08 0.15 1SV246-TL-E Silicon Epitaxial Type PIN Diode for VHF, UHF, AGC Applications |
Similar Part No. - 1SV246 |
|
Similar Description - 1SV246 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |