Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SV267 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 1SV267
Description  PIN Diode for VHF, UHF, AGC Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

1SV267 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  1SV267_12 Datasheet HTML 1Page - Sanyo Semicon Device 1SV267_12 Datasheet HTML 2Page - Sanyo Semicon Device 1SV267_12 Datasheet HTML 3Page - Sanyo Semicon Device 1SV267_12 Datasheet HTML 4Page - Sanyo Semicon Device 1SV267_12 Datasheet HTML 5Page - Sanyo Semicon Device 1SV267_12 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1SV267
No.4514-3/6
IR -- VR
IF -- VF
rs -- IF
rs -- f
C -- VR
Reverse Voltage, VR -- V
Forward Voltage, VF -- V
Reverse Voltage, VR -- V
Frequency, f -- MHz
Forward Current, IF -- mA
0.01
3
2
3
5
5
2
7
7
10
1.0
2
3
5
7
100
2
1k
3
5
7
2
0.1
3
5
7
2
1.0
3
5
7
2
10
3
2
5
2
3
5
7
0.01
0.1
2
3
5
7
1.0
2
3
5
7
10
30
10
0
0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
35
7
2
0.1
35
7
2
1.0
10
35
7
2
20
40
60
50
ID00089
ID00087
0.1
2
1.0
3
5
7
0.1
1.0
2
35 7
10
23
5 7
100
23
5 7
ID00088
1.0
1.0
23
5 7 10
23
5 7 100
1000
23
5 7
2
2
3
5
7
10
2
3
5
7
100
2
3
5
7
1k
2
3
5
ID00090
ID00091
Ta=25
°C
f=100MHz
Ta=75
°C
50°
C
25°
C
Ta=25
°C
f=1MHz
Ta=25
°C
100
μA
5mA
10mA
1mA
2
3
5
IF=10μA


Similar Part No. - 1SV267_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SV267-TB-E ONSEMI-1SV267-TB-E Datasheet
252Kb / 6P
   PIN Diode
September, 2013
More results

Similar Description - 1SV267_12

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
1SV266 KEXIN-1SV266 Datasheet
36Kb / 1P
   PIN Diode for VHF,UHF,AGC Applications
logo
Sanyo Semicon Device
1SV263 SANYO-1SV263_12 Datasheet
415Kb / 6P
   Pin Diode for VHF, UHF, AGC Applications
1SV247 SANYO-1SV247 Datasheet
55Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV267 SANYO-1SV267 Datasheet
64Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV250 SANYO-1SV250 Datasheet
62Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV264 SANYO-1SV264_12 Datasheet
369Kb / 6P
   Pin Diode for VHF, UHF, AGC Applications
1SV234 SANYO-1SV234_12 Datasheet
355Kb / 6P
   PIN Diode for VHF, UHF, AGC Applications
1SV241 SANYO-1SV241 Datasheet
63Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV251 SANYO-1SV251 Datasheet
64Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV264 SANYO-1SV264 Datasheet
66Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com