Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SV267 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 1SV267
Description  PIN Diode for VHF, UHF, AGC Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

1SV267 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  1SV267 Datasheet HTML 1Page - Sanyo Semicon Device 1SV267 Datasheet HTML 2Page - Sanyo Semicon Device 1SV267 Datasheet HTML 3Page - Sanyo Semicon Device 1SV267 Datasheet HTML 4Page - Sanyo Semicon Device 1SV267 Datasheet HTML 5Page - Sanyo Semicon Device 1SV267 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1SV267
No.4514-1/6
Features
Series connection of 2 elements in a very smallsized package facilitates high-density mounting and
permits 1SV267-applied equipment to be made smaller
Small interterminal capacitance (C=0.23pF typ)
Small forward series resistance (rs=2.5
Ω typ)
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
50
V
Forward Current
IF
50
mA
Allowable Power Dissipation
P
150
mW
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit : mm (typ)
7013A-008
91212 TKIM/52098HA (KT)/42294YH (KOTO) BX-0222
SANYO Semiconductors
DATA SHEET
http://www.sanyosemi.com/en/network/
Ordering number : EN4514B
1SV267 SiliconEpitaxialType
PIN Diode for VHF, UHF, AGC Applications
Product & Package Information
• Package
: CP
• JEITA, JEDEC
: SC-59, TO-236, SOT-23, TO-236AB
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TB
Marking
Electrical Connection
1 : Anode
2 : Cathode
3 : Cathode / Anode
SANYO : CP
12
3
2.9
0.95
0.4
0.1
TB
KV
1SV267-TB-E
3
12


Similar Part No. - 1SV267

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
1SV267 SANYO-1SV267 Datasheet
64Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
logo
Guangdong Kexin Industr...
1SV267 KEXIN-1SV267 Datasheet
37Kb / 1P
   PIN Diode for VHF,UHF,AGC Applications
logo
ON Semiconductor
1SV267 ONSEMI-1SV267 Datasheet
252Kb / 6P
   PIN Diode
September, 2013
1SV267-TB-E ONSEMI-1SV267-TB-E Datasheet
252Kb / 6P
   PIN Diode
September, 2013
More results

Similar Description - 1SV267

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
1SV266 KEXIN-1SV266 Datasheet
36Kb / 1P
   PIN Diode for VHF,UHF,AGC Applications
logo
Sanyo Semicon Device
1SV263 SANYO-1SV263_12 Datasheet
415Kb / 6P
   Pin Diode for VHF, UHF, AGC Applications
1SV247 SANYO-1SV247 Datasheet
55Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV267 SANYO-1SV267 Datasheet
64Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV250 SANYO-1SV250 Datasheet
62Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV264 SANYO-1SV264_12 Datasheet
369Kb / 6P
   Pin Diode for VHF, UHF, AGC Applications
1SV234 SANYO-1SV234_12 Datasheet
355Kb / 6P
   PIN Diode for VHF, UHF, AGC Applications
1SV241 SANYO-1SV241 Datasheet
63Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV251 SANYO-1SV251 Datasheet
64Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV264 SANYO-1SV264 Datasheet
66Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com