Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4488 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC4488
Description  High-Voltage Switching Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4488 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC4488 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4488 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4488 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4488 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4488 Datasheet HTML 5Page - Sanyo Semicon Device 2SC4488 Datasheet HTML 6Page - Sanyo Semicon Device 2SC4488 Datasheet HTML 7Page - Sanyo Semicon Device 2SC4488 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SA1708 / 2SC4488
No.3094-4/8
f T -- IC
f T -- IC
Collector Current, IC -- A
Collector Current, IC -- A
100
10
3
2
7
5
3
2
2SA1708
VCE= --10V
ITR04330
2SC4488
VCE=10V
ITR04331
100
10
3
2
7
5
3
2
--0.01
23
5
7
--0.1
72
3
5
7
--1.0
0.01
23
5
7
0.1
72
3
5
7
1.0
VBE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
VBE(sat) -- IC
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Cob -- VCB
ITR04337
--10
7
5
3
2
7
5
3
--1.0
--0.01
72
3
7
52
3
7
52
--0.1
--1.0
ITR04336
2SA1708
IC / IB=10
2SC4488
IC / IB=10
Ta= --25°C
75
°C
25
°C
Ta= --25°C
75
°C
25
°C
ITR04335
Ta=75
°C
--25
°C
25°C
2SC4488
IC / IB=10
--0.01
72
23
5
7
23
5
7
--0.1
--1.0
3
2
7
5
3
2
7
5
--1000
--100
ITR04334
Ta=75
°C
--25°
C
25°
C
2SA1708
IC / IB=10
0.01
72
2
3
57
2
3
57
0.1
1.0
3
2
7
5
3
2
7
5
1000
100
10
7
5
3
2
7
5
3
1.0
0.01
72
3
7
52
3
7
52
0.1
1.0
2SC4488
f=1MHz
5
2
3
3
2
5
7
7
100
10
--10
--100
--1.0
57
72
3
5
7
22
3
ITR04332
2SA1708
f=1MHz
ITR04333
5
2
3
2
3
5
7
7
10
100
10
100
1.0
57
72
3
5
7
22
3


Similar Part No. - 2SC4488

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4488 SANYO-2SC4488 Datasheet
124Kb / 4P
   High-Voltage Switching Applications
2SC4488 SANYO-2SC4488 Datasheet
74Kb / 5P
   High-Voltage Switching Applications
logo
ON Semiconductor
2SC4488 ONSEMI-2SC4488 Datasheet
632Kb / 5P
   Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
September, 2013
2SC4488 ONSEMI-2SC4488 Datasheet
632Kb / 8P
   Bipolar Transistor Adoption of FBET, MBIT processes
September, 2013
2SC4488S-AN ONSEMI-2SC4488S-AN Datasheet
632Kb / 5P
   Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
September, 2013
More results

Similar Description - 2SC4488

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770_12 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5361 TOSHIBA-2SC5361_04 Datasheet
147Kb / 5P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1417_0608 SANYO-2SA1417_0608 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5548 TOSHIBA-2SC5548_05 Datasheet
202Kb / 5P
   High Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
   High-Voltage Switching Applications
2SC4450 SANYO-2SC4450 Datasheet
80Kb / 3P
   High-Voltage Switching Applications
2SC4451 SANYO-2SC4451 Datasheet
83Kb / 3P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com