Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83626D Datasheet(PDF) 4 Page - Winbond

Part # W83626D
Description  LPC-to-ISA Bridge
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83626D Datasheet(HTML) 4 Page - Winbond

  W83626D Datasheet HTML 1Page - Winbond W83626D Datasheet HTML 2Page - Winbond W83626D Datasheet HTML 3Page - Winbond W83626D Datasheet HTML 4Page - Winbond W83626D Datasheet HTML 5Page - Winbond W83626D Datasheet HTML 6Page - Winbond W83626D Datasheet HTML 7Page - Winbond W83626D Datasheet HTML 8Page - Winbond W83626D Datasheet HTML 9Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LPC TO ISA BRIDGE SET
W83626F/W83626D
PRELIMINARY
Publication Release Date: Feb 2000
- 2 -
Revision 0.50
Block diagram OF W83626F
LFRAM#
LPC
Interface
BALE
AEN
ISA
Interface
SA[19:0]
SD[15:0]
IOCHRDY
IOCS16#
IOCHK#
IOR#
IOW#
LA[23:17]
SBHE#
MEMCS16#
MEMR#
MEMW#
SMEMR#
SMEMW#
ZEROWS#
MASTER#
REFRESH#
RSTDRV
SYSCLK
ISOLATE#
Signal
Isolation
Control
Power
SuppIy
3.3V
5V
ROMCS#
PCIRST#
PCICLK
LDRQ#
LAD[3:0]
SERIRQ
CLOCK
GEN. / BUF.
14.318M
14MOUT1
14MOUT2
24.576M
IRQ[3:7,9:12,14,15]
DRQ[0:3,5:7]
DACK[0:3,5:7]


Similar Part No. - W83626D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83626D WINBOND-W83626D Datasheet
235Kb / 23P
   LPC TO ISA BRIDGE SET
More results

Similar Description - W83626D

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F85226 FINTEK-F85226 Datasheet
1Mb / 44P
   LPC to ISA Bridge
F85226AF FINTEK-F85226AF Datasheet
1Mb / 46P
   LPC to ISA Bridge
logo
Winbond
W83626F WINBOND-W83626F_05 Datasheet
235Kb / 23P
   LPC TO ISA BRIDGE SET
logo
Feature Integration Tec...
F81218 FINTEK-F81218 Datasheet
1Mb / 64P
   ISA/LPC to 6 UART Datasheet
logo
Microchip Technology
ECE1200 MICROCHIP-ECE1200 Datasheet
990Kb / 87P
   eSPI to LPC Bridge
02/28/20
logo
Nuvoton Technology Corp...
W83628AG NUVOTON-W83628AG Datasheet
857Kb / 65P
   PCI TO ISA BRIDGE
logo
Winbond
W83628F WINBOND-W83628F Datasheet
255Kb / 25P
   PCI TO ISA BRIDGE SET
logo
National Semiconductor ...
PC87200 NSC-PC87200 Datasheet
114Kb / 33P
   PC87200 PCI to ISA Bridge
logo
Winbond
W83628F WINBOND-W83628F Datasheet
271Kb / 25P
   PCI TO ISA BRIDGE SET
logo
Advantech Co., Ltd.
PCM-3117 ADVANTECH-PCM-3117 Datasheet
348Kb / 1P
   2-slot CardBus Module PCI to ISA Bridge Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com