Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XVT9005 Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # XVT9005
Description  Voltage Controlled Temperature Compensated Crystal Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

XVT9005 Datasheet(HTML) 3 Page - RF Monolithics, Inc

  XVT9005 Datasheet HTML 1Page - RF Monolithics, Inc XVT9005 Datasheet HTML 2Page - RF Monolithics, Inc XVT9005 Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.RFM.com E-mail: info@rfm.com
Page 3 of 3
©2009-2010 by RF Monolithics, Inc.
XVT9005 - 2/2/10
Reel Dimensions
Tape Dimensions
mm
A0
B0
W
F
E
P0
P1
P2
D1
D
K0
t
Dimension
2.80
3.71
8.00
3.50
1.75
4.00
4.00
2.00
1.50
1.00
1.75
0.25
Tolerance
±0.10
±0.10
+0.30/-0.10
±0.05
±0.10
±0.10
±0.10
±0.05
+0.10/-0.00
+0.25/-0.00
±0.10
±0.02
mm
A
B
C
D
E
F
G
H
T1
T2
T3
Dimension
180
60
13.0
2.0
9.1
2.9
4.9
3.9
9.0
11.4
1.2
Tolerance
±1.0
+1.0/-0.0
±0.2
±0.5
±0.5
±0.5
±0.5
±0.5
±0.3
±1.0
±0.1


Similar Part No. - XVT9005

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
XVT9001 RFM-XVT9001 Datasheet
288Kb / 3P
   19.200 MHz VCTCXO
XVT9002 RFM-XVT9002 Datasheet
285Kb / 3P
   26 MHz VCTCXO
XVT9002-1 RFM-XVT9002-1 Datasheet
284Kb / 3P
   26 MHz VCTCXO
XVT9003 RFM-XVT9003 Datasheet
284Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003-1 RFM-XVT9003-1 Datasheet
462Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
More results

Similar Description - XVT9005

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-12 ABRACON-ASTX-12 Datasheet
2Mb / 2P
   TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
03.01.07
ASVTX-09 ABRACON-ASVTX-09 Datasheet
154Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.03.07
logo
RF Monolithics, Inc
XVT9009 RFM-XVT9009 Datasheet
564Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9006 RFM-XVT9006 Datasheet
453Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003-1 RFM-XVT9003-1 Datasheet
462Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003 RFM-XVT9003 Datasheet
284Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASVTX-09 ABRACON-ASVTX-09_07 Datasheet
155Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
logo
Vectron International, ...
VTC1 VECTRON-VTC1 Datasheet
202Kb / 9P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CVT32 CRYSTEKCRYSTAL-CVT32_15 Datasheet
74Kb / 1P
   Temperature Compensated Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VTC21 VECTRON-VTC21 Datasheet
187Kb / 6P
   Voltage Controlled Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com