Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5245A Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5245A
Description  UHF to S-Band Low-Noise Amplifier OSC Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5245A Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5245A_12 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5245A_12 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5245A_12 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5245A_12 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5245A_12 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5245A_12 Datasheet HTML 6Page - Sanyo Semicon Device 2SC5245A_12 Datasheet HTML 7Page - Sanyo Semicon Device 2SC5245A_12 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2SC5245A
No. A1074-1/8
Features
Low-noise
: NF=0.9dB typ (f=1GHz)
: NF=1.4dB typ (f=1.5GHz)
High gain
: ⏐S21e⏐
2=10dB typ (f=1.5GHz)
High cut-off frequency : fT=8GHz typ
Low-voltage, low-current operation (VCE=1V, IC=1mA)
: fT=3.5GHz typ
: ⏐S21e⏐
2=5.5dB typ (f=1.5GHz)
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
20
V
Collector-to-Emitter Voltage
VCEO
10
V
Emitter-to-Base Voltage
VEBO
1.5
V
Collector Current
IC
30
mA
Collector Dissipation
PC
150
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7023A-009
Ordering number : ENA1074A
71812 TKIM/O2908AB MSIM TC-00001685
SANYO Semiconductors
DATA SHEET
2SC5245A
NPN Epitaxial Planar Silicon Transistor
UHF to S-Band Low-Noise Amplifier
OSC Applications
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: MCP
• JEITA, JEDEC
: SC-70, SOT-323
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
MN
LOT No.
LOT No.
R
A
N
K
TL
1 : Base
2 : Emitter
3 : Collector
SANYO : MCP
3
12
2.0
0.65
0.3
0 to 0.08
0.15
2SC5245A-4-TL-E
3
2
1


Similar Part No. - 2SC5245A_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5245A-4-TL-E ONSEMI-2SC5245A-4-TL-E Datasheet
349Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
More results

Similar Description - 2SC5245A_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5646A SANYO-2SC5646A_12 Datasheet
444Kb / 9P
   UHF to S-Band Low-Noise Amplifier, OSC Applications
2SC5245A SANYO-2SC5245A Datasheet
63Kb / 6P
   UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5277A SANYO-2SC5277A_12 Datasheet
524Kb / 8P
   UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5277A SANYO-2SC5277A Datasheet
62Kb / 6P
   UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5534 SANYO-2SC5534 Datasheet
44Kb / 5P
   UHF to S Band Low-Noise Amplifier, OSC Applications
2SC5646A SANYO-2SC5646A Datasheet
61Kb / 7P
   UHF to S-Band Low-Noise Amplifier, OSC Applications
EC4H07CA SANYO-EC4H07CA Datasheet
64Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5782 SANYO-2SC5782 Datasheet
42Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5540 SANYO-2SC5540 Datasheet
30Kb / 3P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5645 SANYO-2SC5645 Datasheet
32Kb / 6P
   UHF to S Band Low-Noise Amplifier and OSC Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com