Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HXG Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # HXG
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

HXG Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  HXG Datasheet HTML 1Page - RUBYCON CORPORATION HXG Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(20℃,
120Hz)
Rated Voltage
(V)
tanδ
0.20
400∼450
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HXG
SERIES
HXG
◆SPECIFICATIONS
◆PART NUMBER
Items
Characteristics
−25∼+105℃
400∼450V.DC
±20%
(20℃,
120Hz)
Rated Voltage
(V)
Z
(−25℃)
/Z
(20℃)
400∼450
8
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
105℃ High Ripple , Miniaturized, Snap-in Terminal Type
◆FEATURES
Load Life: 105℃ 3000hours.
Higher Ripple current than MXG series.
RoHS compliance.
(120Hz)
After applying rated voltage with rated ripple current for 3000 hours at 105℃, the capacitors shall meet the following requirements.
□□□
Rated Voltage
HXG
Series
SN
Terminal Code
□□□
Option
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
I=3 CV (After 5 minutes application of rated voltage)
◆DIMENSIONS
(mm)
MOUNTING HOLES
10±0.1
φD±1
2-φ2
10
φD±1
NEGATIVE
4±0.5
L±2
SLEEVE
(PET)
VENT
SN[4(3.5)mm]terminal type
Terminal code : SN(Tin plating)
Frequency
(Hz)
Coefficient
60(50) 120
500
1k
10k≦
0.80 1.00 1.20 1.25 1.40
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency Coefficient
◆OPTION
EFC
Code
PET Sleeve without plate
※For φ35, 3.5±0.5
I=Leakage Current(μA)     C=Capacitance(μF)     V=Rated Voltage(V)
NEW
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)


Similar Part No. - HXG

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
HXG-122 MINI-HXG-122 Datasheet
341Kb / 5P
   Ultra High IP3 Amplifier Module
HXG-242 MINI-HXG-242 Datasheet
348Kb / 5P
   Ultra High IP3 Amplifier Module
logo
RUBYCON CORPORATION
HXG RUBYCON-HXG_15 Datasheet
175Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - HXG

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
VXR RUBYCON-VXR Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC RUBYCON-MXC Datasheet
79Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU Datasheet
175Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH RUBYCON-MXH Datasheet
210Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HXC RUBYCON-HXC Datasheet
66Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC RUBYCON-SXC Datasheet
55Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USC RUBYCON-USC Datasheet
71Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com