Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1075A Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # ENA1075A
Description  UHF to S-Band Low-Noise Amplifier OSC Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1075A Datasheet(HTML) 5 Page - Sanyo Semicon Device

  ENA1075A Datasheet HTML 1Page - Sanyo Semicon Device ENA1075A Datasheet HTML 2Page - Sanyo Semicon Device ENA1075A Datasheet HTML 3Page - Sanyo Semicon Device ENA1075A Datasheet HTML 4Page - Sanyo Semicon Device ENA1075A Datasheet HTML 5Page - Sanyo Semicon Device ENA1075A Datasheet HTML 6Page - Sanyo Semicon Device ENA1075A Datasheet HTML 7Page - Sanyo Semicon Device ENA1075A Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC5277A
No. A1075-5/8
S Parameters (Common emitter)
VCE=5V, IC=5mA, ZO=50
Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
200
0.782
-37.1
12.043
148.4
0.038
69.7
0.889
-19.5
400
0.623
-65.4
9.431
126.6
0.057
60.8
0.758
-28.3
600
0.502
-85.6
7.415
112.2
0.072
56.5
0.646
-33.3
800
0.420
-102.4
6.000
101.5
0.083
55.2
0.577
-35.9
1000
0.369
-114.7
5.025
93.6
0.094
55.1
0.538
-37.6
1200
0.339
-127.2
4.323
86.7
0.105
55.6
0.513
-38.7
1400
0.311
-137.2
3.785
80.6
0.115
55.6
0.490
-39.7
1600
0.296
-144.9
3.391
75.3
0.127
56.7
0.480
-41.3
1800
0.285
-156.5
3.018
70.1
0.139
56.4
0.466
-43.5
2000
0.277
-164.2
2.767
65.7
0.150
56.7
0.460
-45.5
VCE=5V, IC=10mA, ZO=50
Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
200
0.641
-52.7
16.527
137.8
0.031
67.4
0.820
-22.9
400
0.468
-85.4
11.299
115.7
0.048
60.5
0.643
-30.2
600
0.377
-106.6
8.303
103.1
0.060
60.0
0.549
-32.2
800
0.321
-124.1
6.502
94.0
0.072
60.9
0.499
-33.2
1000
0.293
-136.1
5.342
87.4
0.084
61.9
0.477
-33.9
1200
0.280
-146.7
4.546
81.4
0.097
62.7
0.462
-35.0
1400
0.266
-156.6
3.947
76.4
0.108
63.0
0.449
-36.2
1600
0.263
-163.2
3.527
71.4
0.123
63.7
0.444
-37.8
1800
0.263
173.5
3.121
67.0
0.136
62.8
0.435
-39.9
2000
0.264
179.8
2.864
62.8
0.150
62.4
0.434
-42.4
VCE=2V, IC=3mA, ZO=50
Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
200
0.851
-30.4
8.644
154.1
0.042
73.0
0.937
-16.4
400
0.724
-55.7
7.310
133.8
0.073
61.3
0.820
-27.9
600
0.612
-76.1
6.083
118.6
0.093
54.2
0.709
-35.7
800
0.521
-93.0
5.085
106.9
0.107
50.4
0.628
-40.4
1000
0.461
-106.1
4.343
98.1
0.118
48.3
0.572
-43.7
1200
0.423
-118.6
3.806
90.0
0.128
47.5
0.536
-45.8
1400
0.382
-129.4
3.349
83.3
0.137
46.9
0.506
-47.3
1600
0.366
-138.0
3.036
77.5
0.147
47.4
0.485
-49.5
1800
0.341
-148.8
2.685
71.7
0.157
47.2
0.463
-51.9
2000
0.333
-157.7
2.479
66.7
0.167
47.6
0.453
-54.1
VCE=1V, IC=1mA, ZO=50
Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
200
0.945
-18.7
3.431
162.9
0.053
78.1
0.982
-10.3
400
0.892
-36.9
3.263
147.1
0.099
66.9
0.939
-19.7
600
0.826
-52.9
3.004
133.2
0.136
57.5
0.879
-27.7
800
0.754
-67.9
2.765
120.4
0.164
49.7
0.815
-34.8
1000
0.691
-81.1
2.539
109.9
0.184
43.4
0.758
-40.0
1200
0.639
-94.3
2.366
99.8
0.199
38.4
0.727
-44.3
1400
0.589
-104.9
2.143
91.2
0.207
34.1
0.683
-47.8
1600
0.558
-114.1
1.969
83.6
0.213
31.7
0.653
-51.4
1800
0.522
-124.4
1.797
76.2
0.218
28.7
0.621
-54.9
2000
0.490
-134.9
1.701
69.7
0.219
27.0
0.601
-58.1


Similar Part No. - ENA1075A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1075A ONSEMI-ENA1075A Datasheet
518Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single SMCP
August, 2013
More results

Similar Description - ENA1075A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5646A SANYO-2SC5646A_12 Datasheet
444Kb / 9P
   UHF to S-Band Low-Noise Amplifier, OSC Applications
2SC5245A SANYO-2SC5245A_12 Datasheet
458Kb / 8P
   UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5245A SANYO-2SC5245A Datasheet
63Kb / 6P
   UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5277A SANYO-2SC5277A Datasheet
62Kb / 6P
   UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5534 SANYO-2SC5534 Datasheet
44Kb / 5P
   UHF to S Band Low-Noise Amplifier, OSC Applications
2SC5646A SANYO-2SC5646A Datasheet
61Kb / 7P
   UHF to S-Band Low-Noise Amplifier, OSC Applications
EC4H07CA SANYO-EC4H07CA Datasheet
64Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5782 SANYO-2SC5782 Datasheet
42Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5540 SANYO-2SC5540 Datasheet
30Kb / 3P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5645 SANYO-2SC5645 Datasheet
32Kb / 6P
   UHF to S Band Low-Noise Amplifier and OSC Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com