Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5415A Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5415A
Description  High-Frequency Low-Noise Amplifier Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5415A Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5415A_12 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5415A_12 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5415A_12 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5415A_12 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5415A_12 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5415A_12 Datasheet HTML 6Page - Sanyo Semicon Device 2SC5415A_12 Datasheet HTML 7Page - Sanyo Semicon Device 2SC5415A_12 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SC5415A
No. A1080-3/8
S21e2 -- IC
Collector Current, IC -- mA
Collector Current, IC -- mA
PC -- Ta
Ambient Temperature, Ta --
°C
NF -- IC
hFE -- IC
Collector Current, IC -- mA
Cre -- VCB
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- mA
fT -- IC
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
IT13399
35
7
22
7
10
35
7
100
1.0
0
2
4
6
8
10
VCE
=2V
5V
f=1GHz
0
1000
800
600
400
200
0
20
40
60
80
100
120
140
160
IT13400
10
1.0
0.1
7 0.1
7
5
3
2
7
5
3
2
23
5
7
2
1.0
32
3
57
10
35
7
22
7
10
35
7
100
1.0
0
2
4
6
8
10
12
VCE=5V
2V
f=1GHz
f=1MHz
IT13396
IT13397
IT13398
10
1.0
0.1
7 0.1
7
5
3
2
7
5
3
2
23
5
7
2
1.0
32
3
57
10
f=1MHz
10
100
2
2
3
5
7
5
7
3
1.0
3
35
7
2
23
2
3
5
57
7 10
100
23
5
7
1.0
2
10
35
7
100
10
7
5
3
2
1.0
2V
VCE=5V
2V
VCE
=5V
IT13394
IT13395
When mounted on ceramic substrate
(250mm2
✕0.8mm)


Similar Part No. - 2SC5415A_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5415AE-TD-E ONSEMI-2SC5415AE-TD-E Datasheet
296Kb / 8P
   RF Transistor 12V, 100mA, fT=6.7GHz, NPN Single PCP
August, 2013
2SC5415AF-TD-E ONSEMI-2SC5415AF-TD-E Datasheet
296Kb / 8P
   RF Transistor 12V, 100mA, fT=6.7GHz, NPN Single PCP
August, 2013
More results

Similar Description - 2SC5415A_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5415A SANYO-2SC5415A Datasheet
98Kb / 6P
   High-Frequency Low-Noise Amplifier Applications
CPH6001A SANYO-CPH6001A_12 Datasheet
495Kb / 8P
   High-Frequency Low-Noise Amplifier Applications
2SC5415 SANYO-2SC5415 Datasheet
47Kb / 6P
   High-Frequency Low-Noise Amplifier Applications
2SC5502 SANYO-2SC5502 Datasheet
48Kb / 6P
   High-Frequency Low-Noise Amplifier Applications
2SC5414A SANYO-2SC5414A Datasheet
54Kb / 6P
   High-Frequency Low-Noise Amplifier Applications
CPH6001 SANYO-CPH6001 Datasheet
47Kb / 6P
   High-Frequency Low-Noise Amplifier Applications
2SC5414 SANYO-2SC5414 Datasheet
47Kb / 6P
   High-Frequency Low-Noise Amplifier Applications
FH104 SANYO-FH104 Datasheet
49Kb / 4P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH105A SANYO-FH105A_12 Datasheet
484Kb / 8P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH105 SANYO-FH105 Datasheet
63Kb / 5P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com