Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPMM1A02A Datasheet(PDF) 3 Page - Honeywell Accelerometers

Part # WPMM1A02A
Description  Limitless??Single Switch Adapter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

WPMM1A02A Datasheet(HTML) 3 Page - Honeywell Accelerometers

  WPMM1A02A Datasheet HTML 1Page - Honeywell Accelerometers WPMM1A02A Datasheet HTML 2Page - Honeywell Accelerometers WPMM1A02A Datasheet HTML 3Page - Honeywell Accelerometers WPMM1A02A Datasheet HTML 4Page - Honeywell Accelerometers WPMM1A02A Datasheet HTML 5Page - Honeywell Accelerometers WPMM1A02A Datasheet HTML 6Page - Honeywell Accelerometers WPMM1A02A Datasheet HTML 7Page - Honeywell Accelerometers WPMM1A02A Datasheet HTML 8Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Honeywell•SensingandControl3
Limitless™ Single Switch Adapter
WLS SERIES SINGLE-SWITCH ADAPTER PRODUCT NOMENCLATURE
WLS
Switch type
A
Country Use
Code
A
B
US, Canada,
Mexico
All other
approved
countries1, 2, 3
Q
Q
Operating
Head Code
WLS
Series
Wireless
See specials
1
Gen Code
A
RF Code
1 Version 1
A 2.4 GHz;
IEEE 802.15.4
02
03
04
05
00
01
00 No antenna; RP-SMA
connector jack
2.2 dBi omni w/switch
mount; straight design
2.2 dBi omni w/switch
mount; tilt/swivel
3.0 dBi omni w/remote
adhesive mount
9.8 ft cable
5.5 dBi omni w/remote
mag. mount, tilt/swivel
5 ft cable
5.5 dBi omni w/remote
mag. mount, tilt/swivel
10ft cable
06
07
9.0 dBi omni w/remote
mag. mount, tilt/swivel
5 ft cable
9.0 dBi omni w/remote
mag. mount, tilt/swivel
10ft cable
BT2
BT1
Specials
Internal battery w/
micro-connector
on side of head
Antenna
Type Code
08
09
8.0 dBi omni w/remote
bkt. mount, str. design
3 ft cable
8.0 dBi omni w/remote
bkt. mount, str. design
11 ft cable
1
Use with antenna type
codes 00 - 03, 05, 10, 11
only; usage also allowed
in Country Code A.
2
Some countries require
specific communication
certifications. Contact
Honeywell for existing
certification information.
3
If Limitless devices are
used on machinery that
may shipped globally,
use country code “B”.
10
2.2 dBi omni w/remote
mag. mount, tilt/swivel
10 ft cable
11
0 dBi omni w/
switch mount;
straight design
3
4
5
Modification Code
(BT2 & BT4 only)
Head assembled
with cable grip/connector
to right side
Head assembled
with cable grip/connector
to left side
Head assembled
with cable grip/connector
to mounting surface
Head assembled
with cable grip/connector
to label side
BT1
Internal battery w/
micro-connector
on top of head
BT4
Internal battery w/
cable grip on
side of head
BT3
Internal battery w/
cable grip on
top of head
STANDARD LISTINGS
Part number
Description
WLS1A00AQBT1
Limitless™WLSSeriesSingleSwitchAdapter,noantenna,internalbatterywithM12micro-connectorontop
ofheadforuseinUS,Canada,andMexico
WLS1A00BQBT1
Limitless™WLSSeriesSingleSwitchAdapter,noantenna,internalbatterywithM12micro-connectorontop
of head for use in all other approved countries
WLS1A02AQBT1
Limitless™WLSSeriesSingleSwitchAdapter,2.2dBitilt/swivelantenna,internalbatterywithM12micro-
connectorontopofheadforuseinUS,Canada,andMexico
WLS1A02BQBT1
Limitless™WLSSeriesSingleSwitchAdapter,2.2dBitilt/swivelantenna,internalbatterywithM12micro-
connector on top of head for use in all other approved countries
WLS1A11AQBT1
Limitless™WLSSeriesSingleSwitchAdapter,0dBistraightantenna,internalbatterywithM12micro-con-
nectorontopofheadforuseinUS,Canada,andMexico
WLS1A11BQBT1
Limitless™WLSSeriesSingleSwitchAdapter,0dBistraightantenna,internalbatterywithM12micro-con-
nector on top of head for use in all other approved countries
WLS1A00AQBT3
Limitless™ WLS Series Single Switch Adapter, no antenna, internal battery with cable grip on top of head for
useinUS,Canada,andMexico
WLS1A00BQBT3
Limitless™ WLS Series Single Switch Adapter, no antenna, internal battery with cable grip on top of head for
use in all other approved countries
WLS1A02AQBT3
Limitless™WLSSeriesSingleSwitchAdapter,2.2dBitilt/swivelantenna,internalbatterywithcablegripon
topofheadforuseinUS,Canada,andMexico
WLS1A02BQBT3
Limitless™WLSSeriesSingleSwitchAdapter,2.2dBitilt/swivelantenna,internalbatterywithcablegripon
top of head for use in all other approved countries
WLS1A11AQBT3
Limitless™WLSSeriesSingleSwitchAdapter,0dBistraightantenna,internalbatterywithcablegripontop
ofheadforuseinUS,Canada,andMexico
WLS1A11BQBT3
Limitless™WLSSeriesSingleSwitchAdapter,0dBistraightantenna,internalbatterywithcablegripontop
of head for use in all other approved countries


Similar Part No. - WPMM1A02A

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
WPMM1A02A HONEYWELL-WPMM1A02A Datasheet
406Kb / 8P
   Wireless Panel-Mount Monitor
More results

Similar Description - WPMM1A02A

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
WOI1A00APAG HONEYWELL-ACC-WOI1A00APAG Datasheet
1Mb / 7P
   Limitless??Wireless Operator Interface
logo
Lumileds Lighting Compa...
PB185 LUMILEDS-PB185 Datasheet
1Mb / 2P
   Unique LED enabling limitless design freedom
DS185 LUMILEDS-DS185 Datasheet
1Mb / 21P
   Unique LED enabling limitless design freedom
logo
CINCON ELECTRONICS Corp...
TR160M CINCON-TR160M Datasheet
556Kb / 5P
   160 WATT MEDICAL SWITCH ADAPTER
logo
Phihong USA Inc.
PSS45W-090 PHIHONG-PSS45W-090 Datasheet
182Kb / 2P
   Single Output Adapter Series
logo
List of Unclassifed Man...
SPD-060 ETC2-SPD-060 Datasheet
75Kb / 1P
   60W, Single Output Adapter
HD-3000S ETC2-HD-3000S Datasheet
1Mb / 3P
   Single Channel HD-SDI Adapter
logo
PHOENIX CONTACT
2700150 PHOENIX-2700150 Datasheet
48Kb / 2P
   Adapter for single-hole mounting
logo
ETA-USA
WTA20-SX-Y-C2 ETA-USA-WTA20-SX-Y-C2 Datasheet
341Kb / 5P
   20 WATT SINGLE OUTPUT SWITCHING ADAPTER
DTT36-SX-W ETA-USA-DTT36-SX-W Datasheet
565Kb / 4P
   36 WATT SINGLE OUTPUT SWITCHING ADAPTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com