Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK545 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SK545
Description  Impedance Converter Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK545 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SK545 Datasheet HTML 1Page - Sanyo Semicon Device 2SK545 Datasheet HTML 2Page - Sanyo Semicon Device 2SK545 Datasheet HTML 3Page - Sanyo Semicon Device 2SK545 Datasheet HTML 4Page - Sanyo Semicon Device 2SK545 Datasheet HTML 5Page - Sanyo Semicon Device 2SK545 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK545
No.1789-1/6
Applications
Impedance converter applications
Infrared sensor
Features
Small IGSS
Small Ciss
Ultrasmall package permitting 2SK545-applied sets to be compact
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
40
V
Gate-to-Drain Voltage
VGDS
--40
V
Gate Current
IG
10
mA
Drain Current
ID
1mA
Allowable Power Dissipation
PD
100
mW
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit : mm (typ)
7013A-011
Ordering number : EN1789C
O3112 TKIM TC-00002836/42099TH (KT)/O2196TS (KOTO) 8-7809/6037KI/3105KI, MT
SANYO Semiconductors
DATA SHEET
2SK545
http://www.sanyosemi.com/en/network/
Product & Package Information
• Package
: CP
• JEITA, JEDEC
: SC-59, TO-236, SOT-23, TO-236AB
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TB
Marking
Electrical Connection
TB
1 : Source
2 : Drain
3 : Gate
SANYO : CP
12
3
2.9
0.95
0.4
0.1
1
2
3
B11
2SK545-11D-TB-E
N-Channel Junction Silicon FET
Impedance Converter Applications


Similar Part No. - 2SK545

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK545 SANYO-2SK545 Datasheet
73Kb / 3P
   Impedance Converter Applications???
logo
Unisonic Technologies
2SK545 UTC-2SK545 Datasheet
77Kb / 3P
   IMPEDANCE CONVERTER APPLICATIONS
logo
ON Semiconductor
2SK545 ONSEMI-2SK545 Datasheet
289Kb / 6P
   N-Channel JFET
August, 2013
2SK545-11D-TB-E ONSEMI-2SK545-11D-TB-E Datasheet
289Kb / 6P
   N-Channel JFET
August, 2013
logo
Unisonic Technologies
2SK545G-B10-AE3-R UTC-2SK545G-B10-AE3-R Datasheet
77Kb / 3P
   IMPEDANCE CONVERTER APPLICATIONS
More results

Similar Description - 2SK545

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK546 SANYO-2SK546 Datasheet
70Kb / 3P
   Impedance Converter Applications???
2SK2076 SANYO-2SK2076 Datasheet
73Kb / 3P
   Impedance Converter Applications?
logo
Unisonic Technologies
2SK545 UTC-2SK545_15 Datasheet
89Kb / 3P
   IMPEDANCE CONVERTER APPLICATIONS
logo
Sanyo Semicon Device
2SK2170 SANYO-2SK2170 Datasheet
95Kb / 4P
   Impedance Converter Applications???
2SK2091 SANYO-2SK2091 Datasheet
76Kb / 3P
   Impedance Converter Applications???
2SK545 SANYO-2SK545 Datasheet
73Kb / 3P
   Impedance Converter Applications???
2SK3738 SANYO-2SK3738 Datasheet
30Kb / 3P
   Impedance Converter Applications
logo
Unisonic Technologies
2SK545 UTC-2SK545 Datasheet
77Kb / 3P
   IMPEDANCE CONVERTER APPLICATIONS
logo
Sanyo Semicon Device
EC3A03B SANYO-EC3A03B Datasheet
44Kb / 3P
   Impedance Converter, Infrared Sensor Applications
logo
Toshiba Semiconductor
2SJ144-GR TOSHIBA-2SJ144-GR Datasheet
282Kb / 4P
   Audio Frequency Amplifier Applications Analog Switch Applications Constant Current Applications Impedance Converter Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com