Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83787F Datasheet(PDF) 7 Page - Winbond

Part # W83787F
Description  WINBOND I/O WITH SERIAL-INFRARED SUPPORT
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83787F Datasheet(HTML) 7 Page - Winbond

Back Button W83787F Datasheet HTML 3Page - Winbond W83787F Datasheet HTML 4Page - Winbond W83787F Datasheet HTML 5Page - Winbond W83787F Datasheet HTML 6Page - Winbond W83787F Datasheet HTML 7Page - Winbond W83787F Datasheet HTML 8Page - Winbond W83787F Datasheet HTML 9Page - Winbond W83787F Datasheet HTML 10Page - Winbond W83787F Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 123 page
background image
W83787IF
Publication Release Date:Sep 1995
- 7 -
Revision A1
Game Port/Power Down Interface, continued
PDCIN
IRRX2
3
I
I
This input pin controls the chip power down. When this pin is active, the
clock supply to the chip will be inhibited and the output pins will be tri-
stated as defined in CR4 and CR6. The PDCIN is pulled down
internally. Its active state is defined by bit 4 of CRA (PDCHACT).
Default is high active.
PDCIN can be programmed by CR0D register as input pin IRRX2 for
serial infrared communication.
1.4 Multi-Mode Parallel Port
The following pins have eight functions, which are controlled by bits PRTMOD0, PRTMOD1, and
PRTMOD2 of CR0 and CR9 (refer to section 6.0, Extended Functions).
SYMBOL
PIN
I/O
FUNCTION
BUSY
24
I
OD
I
OD
_
PRINTER MODE: BUSY
An active high input indicates that the printer is not ready to receive
data. This pin is pulled high internally. Refer to the description of the
parallel port for the definition of this pin in ECP and EPP mode.
EXTENSION FDD MODE: MOB2
This pin is for Extension FDD B; the function of this pin is the same as
that of the MOB pin.
EXTENSION ADAPTER MODE: XIRQ
This pin is an interrupt request generated by the Extension Adapter
and is an active high input.
EXTENSION 2FDD MODE: MOB2
This pin is for Extension FDD A and B; the function of this pin is the
same as that of the MOB pin.
JOYSTICK MODE: NC pin.


Similar Part No. - W83787F

ManufacturerPart #DatasheetDescription
logo
Winbond
W83781 WINBOND-W83781 Datasheet
725Kb / 28P
   MONITORING IC
W83781D WINBOND-W83781D Datasheet
725Kb / 28P
   MONITORING IC
W83781D WINBOND-W83781D Datasheet
790Kb / 54P
   H/W MONITORING IC
W83781G WINBOND-W83781G Datasheet
790Kb / 54P
   H/W MONITORING IC
W83782 WINBOND-W83782 Datasheet
387Kb / 44P
   MONITORING IC
More results

Similar Description - W83787F

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com