Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83877 Datasheet(PDF) 5 Page - Winbond

Part # W83877
Description  WINBOND I/O
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83877 Datasheet(HTML) 5 Page - Winbond

  W83877 Datasheet HTML 1Page - Winbond W83877 Datasheet HTML 2Page - Winbond W83877 Datasheet HTML 3Page - Winbond W83877 Datasheet HTML 4Page - Winbond W83877 Datasheet HTML 5Page - Winbond W83877 Datasheet HTML 6Page - Winbond W83877 Datasheet HTML 7Page - Winbond W83877 Datasheet HTML 8Page - Winbond W83877 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 125 page
background image
W83877F
Publication Release Date: January 1996
- 5 -
Revision A2
1.0 PIN DESCRIPTION
Note: Refer to section 9.2 DC CHARACTERISTICS for details.
I/O8t - TTL level bidirectional pin with 8 mA source-sink capability
I/O12t - TTL level bidirectional pin with 12 mA source-sink capability
I/O24t - TTL level bidirectional pin with 24 mA source-sink capability
OUT8t - TTL level output pin with 8 mA source-sink capability
OUT12t
- TTL level output pin with 12 mA source-sink capability
OD12 - Open-drain output pin with 12 mA sink capability
OD24 - Open-drain output pin with 24 mA sink capability
INt
- TTL level input pin
INc
- CMOS level input pin
INcs - CMOS level schmitt-triggered input pin
1.1 Host Interface
SYMBOL
PIN
I/O
FUNCTION
D0
−D7
66-73
I/O24t
System data bus bits 0-7
A0
−A9
51-55
57-61
INc
System address bus bits 0-9
A10
75
INc
In ECP Mode, this pin is the A10 address input.
IOCHRDY
5
OD24
In EPP Mode, this pin is the IO Channel Ready output to extend
the host read/write cycle.
MR
6
INcs
Master Reset. Active high. MR is low during normal operations.
CS
2
INt
Active low chip select signal
AEN
62
INc
System address bus enable
IOR
63
INcs
CPU I/O read signal
IOW
64
INcs
CPU I/O write signal
DRQ_B
100
OUT12t
DMA request signal B
DACK_B
98
INc
DMA Acknowledge signal B
DRQ_C
4
OUT12t
DMA request signal C
DACK_ C
18
INc
DMA Acknowledge signal C
TC
97
INc
Terminal Count. When active, this pin indicates termination of a
DMA transfer.
IRQIN
93
INc
Interrupt request input


Similar Part No. - W83877

ManufacturerPart #DatasheetDescription
logo
Winbond
W83877ATD WINBOND-W83877ATD Datasheet
1Mb / 47P
   enhanced version from Winbonds most popular I/O chip W83877F
W83877ATF WINBOND-W83877ATF Datasheet
1Mb / 47P
   enhanced version from Winbonds most popular I/O chip W83877F
W83877TD WINBOND-W83877TD Datasheet
821Kb / 154P
   I/O chip disk drive adapter
W83877TD WINBOND-W83877TD Datasheet
968Kb / 154P
   WINBOND I/O
W83877TF WINBOND-W83877TF Datasheet
821Kb / 154P
   I/O chip disk drive adapter
More results

Similar Description - W83877

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
W83627SF WINBOND-W83627SF Datasheet
1Mb / 147P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com