Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1113A Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # ENA1113A
Description  UHF Wide-band Low-noise Amplifier Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1113A Datasheet(HTML) 6 Page - Sanyo Semicon Device

  ENA1113A Datasheet HTML 1Page - Sanyo Semicon Device ENA1113A Datasheet HTML 2Page - Sanyo Semicon Device ENA1113A Datasheet HTML 3Page - Sanyo Semicon Device ENA1113A Datasheet HTML 4Page - Sanyo Semicon Device ENA1113A Datasheet HTML 5Page - Sanyo Semicon Device ENA1113A Datasheet HTML 6Page - Sanyo Semicon Device ENA1113A Datasheet HTML 7Page - Sanyo Semicon Device ENA1113A Datasheet HTML 8Page - Sanyo Semicon Device ENA1113A Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
55GN01FA
No. A1113-6/9
S Parameters (Common emitter)
VCE=5V, IC=30mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.606
-108.75
29.954
123.54
0.022
52.56
0.574
-51.26
200
0.604
-140.73
17.448
105.68
0.031
50.23
0.355
-64.86
400
0.610
-161.95
9.185
91.52
0.044
57.91
0.229
-71.81
600
0.617
-169.73
6.244
83.80
0.061
62.49
0.202
-74.91
800
0.612
-175.60
4.752
77.41
0.077
64.49
0.201
-79.23
1000
0.608
-179.42
3.833
71.88
0.091
66.02
0.204
-82.01
1200
0.604
177.51
3.213
66.72
0.108
65.81
0.214
-84.26
1400
0.598
174.16
2.786
62.07
0.124
64.91
0.229
-87.74
1600
0.591
171.45
2.465
57.60
0.141
64.74
0.242
-89.81
1800
0.584
168.71
2.221
53.24
0.156
64.27
0.255
-92.03
2000
0.582
165.57
2.027
48.84
0.173
63.95
0.266
-93.76
2200
0.569
162.47
1.842
44.77
0.189
62.96
0.281
-96.01
2400
0.566
159.27
1.707
41.02
0.205
62.39
0.298
-98.15
2600
0.560
156.39
1.589
37.71
0.221
61.62
0.312
-100.74
2800
0.555
153.39
1.489
34.29
0.241
60.71
0.324
-103.01
3000
0.546
150.41
1.401
31.06
0.260
59.58
0.339
-104.84
VCE=5V, IC=50mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.587
-124.93
30.667
118.01
0.020
53.81
0.493
-53.52
200
0.607
-151.01
17.135
101.95
0.027
56.26
0.302
-62.86
400
0.618
-167.42
8.863
89.36
0.042
61.87
0.204
-65.99
600
0.625
-173.36
6.015
82.09
0.057
67.05
0.188
-69.08
800
0.625
-178.39
4.579
75.84
0.073
68.51
0.192
-73.08
1000
0.621
178.24
3.676
70.38
0.090
67.50
0.200
-76.57
1200
0.617
175.49
3.102
65.41
0.106
67.96
0.213
-79.88
1400
0.611
172.50
2.675
60.74
0.123
67.75
0.228
-83.13
1600
0.605
170.02
2.371
56.11
0.138
67.29
0.245
-85.73
1800
0.598
167.32
2.131
51.76
0.155
65.91
0.261
-88.36
2000
0.594
164.43
1.944
47.33
0.173
65.72
0.273
-90.18
2200
0.587
161.08
1.771
43.20
0.189
64.76
0.291
-93.08
2400
0.582
158.20
1.636
39.59
0.204
63.82
0.308
-95.85
2600
0.575
155.22
1.517
36.00
0.222
63.08
0.325
-98.58
2800
0.571
151.88
1.420
32.74
0.241
62.62
0.341
-100.91
3000
0.564
149.04
1.345
29.50
0.259
61.30
0.351
-102.73


Similar Part No. - ENA1113A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1113A ONSEMI-ENA1113A Datasheet
506Kb / 9P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single SSFP
August, 2013
More results

Similar Description - ENA1113A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
55GN01S SANYO-55GN01S Datasheet
31Kb / 6P
   UHF Wide-band Low-noise Amplifier Applications
55GN01C SANYO-55GN01C Datasheet
46Kb / 6P
   UHF Wide-band Low-noise Amplifier Applications
2SC4405 SANYO-2SC4405 Datasheet
100Kb / 4P
   UHF Low-Noise, Wide-Band Amplifier Applications???????
55GN01MA SANYO-55GN01MA_12 Datasheet
418Kb / 8P
   UHF Wide-band Low-noise Amplifier Applications
55GN01M SANYO-55GN01M Datasheet
29Kb / 5P
   UHF Wide-band Low-noise Amplifier Applications
55GN01NA SANYO-55GN01NA Datasheet
56Kb / 6P
   UHF Wide-band Low-noise Amplifier Applications
55GN01FA SANYO-55GN01FA Datasheet
59Kb / 8P
   UHF Wide-band Low-noise Amplifier Applications
55GN01CA SANYO-55GN01CA_12 Datasheet
404Kb / 8P
   UHF Wide-band Low-noise Amplifier Applications
2SC5489 SANYO-2SC5489 Datasheet
31Kb / 3P
   VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02C SANYO-EC3H02C Datasheet
26Kb / 5P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com