Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1079A Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ENA1079A
Description  High-Frequency Low-Noise Amplifier Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1079A Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ENA1079A Datasheet HTML 1Page - Sanyo Semicon Device ENA1079A Datasheet HTML 2Page - Sanyo Semicon Device ENA1079A Datasheet HTML 3Page - Sanyo Semicon Device ENA1079A Datasheet HTML 4Page - Sanyo Semicon Device ENA1079A Datasheet HTML 5Page - Sanyo Semicon Device ENA1079A Datasheet HTML 6Page - Sanyo Semicon Device ENA1079A Datasheet HTML 7Page - Sanyo Semicon Device ENA1079A Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CPH6001A
No. A1079-1/8
Features
High gain
: |S21e|
2=11dB typ (f=1GHz)
High cut-off frequency : fT=6.7GHz typ
Small and slim 6-pin package
Large allowable collector dissipation (800mW max)
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to- Base Voltage
VCBO
20
V
Collector-to-Emitter Voltage
VCEO
12
V
Emitter-to-Base Voltage
VEBO
2V
Collector Current
IC
100
mA
Collector Dissipation
PC
When mounted on ceramic substrate (250mm2×0.8mm)
800
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7018A-002
Ordering number : ENA1079A
71112 TKIM/O2109AB TKIM TC-00002102
SANYO Semiconductors
DATA SHEET
CPH6001A
NPN Epitaxial Planar Silicon Transistor
High-Frequency Low-Noise
Amplifier Applications
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: CPH6
• JEITA, JEDEC
: SC-74, SOT-26, SOT-457
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
3
4
1, 2, 5, 6
TL
1 : Collector
2 : Collector
3 : Base
4 : Emitter
5 : Collector
6 : Collector
SANYO : CPH6
3
2
1
64
5
2.9
0.05
0.4
0.15
0.95
CPH6001A-TL-E


Similar Part No. - ENA1079A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1074A SANYO-ENA1074A Datasheet
458Kb / 8P
   UHF to S-Band Low-Noise Amplifier OSC Applications
ENA1075A SANYO-ENA1075A Datasheet
524Kb / 8P
   UHF to S-Band Low-Noise Amplifier OSC Applications
logo
ON Semiconductor
ENA1075A ONSEMI-ENA1075A Datasheet
518Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single SMCP
August, 2013
logo
Sanyo Semicon Device
ENA1076A SANYO-ENA1076A Datasheet
463Kb / 8P
   Low-Voltage, Low-Current High-Frequency Amplifi er Applications
ENA1077A SANYO-ENA1077A Datasheet
532Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results

Similar Description - ENA1079A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5415A SANYO-2SC5415A Datasheet
98Kb / 6P
   High-Frequency Low-Noise Amplifier Applications
2SC5415 SANYO-2SC5415 Datasheet
47Kb / 6P
   High-Frequency Low-Noise Amplifier Applications
2SC5502 SANYO-2SC5502 Datasheet
48Kb / 6P
   High-Frequency Low-Noise Amplifier Applications
2SC5414A SANYO-2SC5414A Datasheet
54Kb / 6P
   High-Frequency Low-Noise Amplifier Applications
CPH6001 SANYO-CPH6001 Datasheet
47Kb / 6P
   High-Frequency Low-Noise Amplifier Applications
2SC5414 SANYO-2SC5414 Datasheet
47Kb / 6P
   High-Frequency Low-Noise Amplifier Applications
2SC5415A SANYO-2SC5415A_12 Datasheet
398Kb / 8P
   High-Frequency Low-Noise Amplifier Applications
FH104 SANYO-FH104 Datasheet
49Kb / 4P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH105A SANYO-FH105A_12 Datasheet
484Kb / 8P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH105 SANYO-FH105 Datasheet
63Kb / 5P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com