Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHW913 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MHW913
Description  14 WATT 880-915 MHz RF POWER AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHW913 Datasheet(HTML) 2 Page - Motorola, Inc

  MHW913 Datasheet HTML 1Page - Motorola, Inc MHW913 Datasheet HTML 2Page - Motorola, Inc MHW913 Datasheet HTML 3Page - Motorola, Inc MHW913 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MHW913
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (VS2 = VS3 = 12.5 V, Vbias = 4.8 V, TC = 25°C, 50 Ω system, unless otherwise noted)
Load Mismatch Stress (Vsupply = 15.6 Vdc, Pout = 15 W;
Load VSWR = 10:1, All Phase Angles) (1)
No degradation in
output power
Stability (Vsupply = 10.8 to 16 Vdc; Pout = 0.03 to 14 W;
Load VSWR = 6:1, All Phase Angles) (1)
All spurious outputs more than
60 dB below desired signal
Quiescent Current (With No RF Applied)
(VS2 = VS3 = 12.5 Vdc, Vbias = 4.8 Vdc)
Isq
500
mA
Leakage Current (Pin = 0 mW, VS2 = VS3 = 12.5 Vdc, Vb = 0 Vdc)
IL
0.6
mA
Bias Pin Current (Pout = 14 W) (1)
Ibias
0.8
mA
Noise Power (In 30 kHz Bandwidth, 20 MHz above fo)
(Pout = 0.03 to 14 W, VS2 = VS3 = 10.8 to 15.6 Vdc; Vbias= 4.8 Vdc) (1)
–70
dBm
(1) Adjust Pin for specified Pout.
Figure 1. MHW913 Test Circuit Diagram
RF SIGNAL
GENERATOR
Vbias
4.8 V
VS2
12.5 V
VS3
12.5 V
10 dB
MINIMUM
ATTENUATION
POWER
TERMINATION
20 dB DUAL
DIRECTIONAL COUPLER
INPUT
POWER
METER
REFLECTED
POWER
METER
RF IN
RF OUT
C1
C8
C3
1
23
4
5
C4
C7
C9
C2
C5
C6
OUTPUT
POWER
METER
SPECTRUM
ANALYZER
20 dB DUAL
DIRECTIONAL COUPLER
MHW913 BLOCK DIAGRAM
C1, C2, C3
0.018
µF
C4, C5, C6
0.1
µF
C7, C8, C9
1.0
µF
Z1, Z2
50
Ω Microstrip
TEST FIXTURE
Z1
Z2


Similar Part No. - MHW913

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW912 MOTOROLA-MHW912 Datasheet
128Kb / 6P
   12.5 W 884 to 915 MHz RF POWER AMPLIFIER
MHW9146 MOTOROLA-MHW9146 Datasheet
272Kb / 4P
   Gallium Arsenide CATV Amplifier Module
MHW9146D MOTOROLA-MHW9146D Datasheet
272Kb / 4P
   Gallium Arsenide CATV Amplifier Module
logo
Freescale Semiconductor...
MHW9146N FREESCALE-MHW9146N Datasheet
74Kb / 4P
   870 MHz 14.3 dB GAIN 132-CHANNEL GaAs CATV AMPLIFIER MODULE
logo
Motorola, Inc
MHW916 MOTOROLA-MHW916 Datasheet
83Kb / 4P
   16 WATT 925-960 MHz RF POWER AMPLIFIER
More results

Similar Description - MHW913

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77181 SKYWORKS-SKY77181 Datasheet
376Kb / 11P
   Power Amplifier Module for WCDMA / HSDPA (880-915 MHz)
SKY77189 SKYWORKS-SKY77189 Datasheet
211Kb / 10P
   Power Amplifier Module for WCDMA / HSDPA Band VIII (880-915 MHz)
logo
Motorola, Inc
MHW932 MOTOROLA-MHW932 Datasheet
117Kb / 6P
   32 W 890 to 915 MHz RF POWER AMPLIFIER
logo
Tyco Electronics
MAMXES0120 MACOM-MAMXES0120 Datasheet
47Kb / 2P
   E-Series Surface Mount Mixer 880 - 915 MHz
logo
Motorola, Inc
MHW912 MOTOROLA-MHW912 Datasheet
128Kb / 6P
   12.5 W 884 to 915 MHz RF POWER AMPLIFIER
logo
Tyco Electronics
EMRS-6HX1 MACOM-EMRS-6HX1 Datasheet
138Kb / 2P
   E-Series Surface Mount Mixer 880 . 915 MHz
logo
M/A-COM Technology Solu...
EMRS-6HX1 MA-COM-EMRS-6HX1 Datasheet
189Kb / 2P
   E-Series Surface Mount Mixer 880 - 915 MHz
logo
Tyco Electronics
MAMXES0071 MACOM-MAMXES0071 Datasheet
129Kb / 3P
   E-Series Surface Mount Mixer 880 - 915 MHz
logo
M/A-COM Technology Solu...
MAMX-008786-ES0120 MA-COM-MAMX-008786-ES0120 Datasheet
83Kb / 2P
   E-Series Surface Mount Mixer 880 - 915 MHz
logo
Skyworks Solutions Inc.
SKY77705 SKYWORKS-SKY77705 Datasheet
75Kb / 2P
   Power Amplifier Module for WCDMA / HSDPA / HSUPA / HSPA / LTE - Band VIII (880-915 MHz)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com