Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA2122 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # ENA2122
Description  For Car Audio Systems Multi-Power Supply IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA2122 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button ENA2122 Datasheet HTML 2Page - Sanyo Semicon Device ENA2122 Datasheet HTML 3Page - Sanyo Semicon Device ENA2122 Datasheet HTML 4Page - Sanyo Semicon Device ENA2122 Datasheet HTML 5Page - Sanyo Semicon Device ENA2122 Datasheet HTML 6Page - Sanyo Semicon Device ENA2122 Datasheet HTML 7Page - Sanyo Semicon Device ENA2122 Datasheet HTML 8Page - Sanyo Semicon Device ENA2122 Datasheet HTML 9Page - Sanyo Semicon Device ENA2122 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LV5686PVC
No.A2122-6/14
CTRL terminal truth table
EN
EXT1
AUDIO
ILM
AMP
CTRL1
EXT2
EXT4
CTRL2
ANT
EXT3
L
OFF
OFF
OFF
OFF
L
OFF
OFF
L
OFF
OFF
M
ON
ON
ON
OFF
M
ON
OFF
M
ON
OFF
H
ON
ON
ON
ON
H
ON
ON
H
ON
ON
EN/CTRL1/CTRL2 voltage range and threshold
Package Dimensions
unit : mm (typ)
• Allowable power dissipation derating curve
3336
Pin assignment
14
12
10
8
6
4
2
15
13
11
9
7
5
3
1
LV5686PVC
1.1V
2.1V
2.5V
5.5V
0V
H
M
L
0.5V
2.35V(typ)
0.8V(typ)
SANYO : HZIP15
21.6
(20.0)
HEAT SPREADER
(11.0)
(R1.75)
3.0
0.7
2.54 2.54
1.27
(1.91)
115
0.4
0
7
2
1
1.3
4
3
5
5.3
6
8
--40
0
--20
140150
60
80
100
40
120
20
160
Pd max -- Ta
θja=96.15°C/W
θja=23.6°C/W
Aluminum heat sink (50×50×1.5mm3) when using
Ambient temperature, Ta --
°C
Independent IC
Aluminum heat sink mounting conditions
tightening torque : 39Ncm, using silicone grease


Similar Part No. - ENA2122

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2122 ONSEMI-ENA2122 Datasheet
188Kb / 14P
   Multi-Power Supply IC for Car Audio Systems
August, 2013
More results

Similar Description - ENA2122

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5696P SANYO-LV5696P Datasheet
190Kb / 14P
   For Car Audio Systems Multi-Power Supply IC
LV5684PVD SANYO-LV5684PVD Datasheet
208Kb / 12P
   For Car Audio Systems Multi-Power Supply IC
logo
ON Semiconductor
LV5684PVD ONSEMI-LV5684PVD Datasheet
256Kb / 12P
   Multi-Power Supply IC for Car Audio Systems
August, 2013
LV5686PVC ONSEMI-LV5686PVC Datasheet
188Kb / 14P
   Multi-Power Supply IC for Car Audio Systems
August, 2013
LV56841PVD ONSEMI-LV56841PVD Datasheet
331Kb / 15P
   For Car Audio Systems Multi-Power Supply IC
August, 2014
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com