Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA2093 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ENA2093
Description  1-channel Step-down Switching Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA2093 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ENA2093 Datasheet HTML 1Page - Sanyo Semicon Device ENA2093 Datasheet HTML 2Page - Sanyo Semicon Device ENA2093 Datasheet HTML 3Page - Sanyo Semicon Device ENA2093 Datasheet HTML 4Page - Sanyo Semicon Device ENA2093 Datasheet HTML 5Page - Sanyo Semicon Device ENA2093 Datasheet HTML 6Page - Sanyo Semicon Device ENA2093 Datasheet HTML 7Page - Sanyo Semicon Device ENA2093 Datasheet HTML 8Page - Sanyo Semicon Device ENA2093 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
71112 SY 20120709-S00004 No.A2093-1/15
LV5768V
Overview
The LV5768V is a 1-channel step-down switching regulator.
Functions
• 1 channel step-down switching regulator controller.
• Frequency decrease function at pendent.
• Load-independent soft start circuit.
• ON/OFF function.
• Built-in pulse-by-pulse OCP circuit. It is detected by using ON resistance of an external MOS.
• Synchronous rectification
• Current mode control
Specifications
Absolute Maximum Ratings
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VIN max
45
V
VIN, SW
45
V
HDRV, CBOOT
52
V
LDRV
6.0
V
Between CBOOT to SW
Between CBOOT to HDRV
6.0
V
EN, ILIM
VIN+0.3
V
Between VIN to ILIM
1.0
V
VDD
6.0
V
SS, FB, COMP,RT
VDD+0.3
V
Allowable Power dissipation
Pd max
Mounted on a specified board. *
0.74
W
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Specified board : 114.3mm × 76.1mm × 1.6mm, glass epoxy board.
Caution 1) Absolute maximum ratings represent the value which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current, high
voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Bi-CMOS LSI
1-channel Step-down Switching
Regulator
Ordering number: ENA2093


Similar Part No. - ENA2093

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA2090 SANYO-ENA2090 Datasheet
989Kb / 14P
   Two Wire Serial Interface EEPROM(64k EEPROM)
ENA2094 SANYO-ENA2094 Datasheet
182Kb / 23P
   4M-bit (512K횞8) Serial Flash Memory
logo
ON Semiconductor
ENA2094 ONSEMI-ENA2094 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
logo
Sanyo Semicon Device
ENA2096 SANYO-ENA2096 Datasheet
171Kb / 22P
   4M-bit (512K횞8) Serial Flash Memory
logo
ON Semiconductor
ENA2096 ONSEMI-ENA2096 Datasheet
149Kb / 22P
   Serial Flash Memory
July, 2013
More results

Similar Description - ENA2093

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5768M-TLM-H SANYO-LV5768M-TLM-H Datasheet
322Kb / 15P
   1-channel Step-down Switching Regulator
LV5747QA SANYO-LV5747QA Datasheet
88Kb / 6P
   1-channel Step-down Switching Regulator
logo
Rohm
BD9702T ROHM-BD9702T Datasheet
307Kb / 6P
   1 Channel Step-down Switching Regulator
logo
Sanyo Semicon Device
LV5747TT SANYO-LV5747TT Datasheet
87Kb / 5P
   1-channel Step-down Switching Regulator
LV5749V SANYO-LV5749V Datasheet
81Kb / 6P
   1-channel Step-down Switching Regulator
LV5761V_0909 SANYO-LV5761V_0909 Datasheet
150Kb / 6P
   1-channel Step-down Switching Regulator
LV5749NV SANYO-LV5749NV Datasheet
117Kb / 6P
   1-channel Step-down Switching Regulator
LV5768M SANYO-LV5768M Datasheet
322Kb / 15P
   1-channel Step-down Switching Regulator
logo
Rohm
BD9703FP ROHM-BD9703FP Datasheet
317Kb / 6P
   1 Channel Step-down Switching Regulator
logo
Sanyo Semicon Device
LV5747NTT SANYO-LV5747NTT Datasheet
179Kb / 5P
   1-channel Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com