Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA2093 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ENA2093
Description  1-channel Step-down Switching Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA2093 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ENA2093 Datasheet HTML 1Page - Sanyo Semicon Device ENA2093 Datasheet HTML 2Page - Sanyo Semicon Device ENA2093 Datasheet HTML 3Page - Sanyo Semicon Device ENA2093 Datasheet HTML 4Page - Sanyo Semicon Device ENA2093 Datasheet HTML 5Page - Sanyo Semicon Device ENA2093 Datasheet HTML 6Page - Sanyo Semicon Device ENA2093 Datasheet HTML 7Page - Sanyo Semicon Device ENA2093 Datasheet HTML 8Page - Sanyo Semicon Device ENA2093 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LV5768V
No.A2093-3/15
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Security function
Protection function operating
temperature at high temperature
TSD on
* Design certification
170
°C
Protection function hysteresis at high
temperature
TSD hys
* Design certification
30
°C
Package Dimensions
unit : mm (typ)
3178B
Pin Assignment
SANYO : SSOP16(225mil)
5.2
0.22
0.65
(0.33)
18
9
16
0.15
Pd max -- Ta
0
0.38
0.2
0.4
0.6
0.8
0.74
1.0
--40
--20
40
60
20
8085
0
100
Ambient temperature, Ta -- C
Specified board : 114.3
× 76.1 × 1.6mm3
glass epoxy board.
3
4
5
6
7
8
9
10
14
13
12
11
EN
RT
NC
SW
CBOOT
HDRV
SUBGND
NC
VIN
GND
VDD
LDRV
LV5768V
Top view
1
2
FB
COMP
16
15
SS
ILIM


Similar Part No. - ENA2093

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA2090 SANYO-ENA2090 Datasheet
989Kb / 14P
   Two Wire Serial Interface EEPROM(64k EEPROM)
ENA2094 SANYO-ENA2094 Datasheet
182Kb / 23P
   4M-bit (512K횞8) Serial Flash Memory
logo
ON Semiconductor
ENA2094 ONSEMI-ENA2094 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
logo
Sanyo Semicon Device
ENA2096 SANYO-ENA2096 Datasheet
171Kb / 22P
   4M-bit (512K횞8) Serial Flash Memory
logo
ON Semiconductor
ENA2096 ONSEMI-ENA2096 Datasheet
149Kb / 22P
   Serial Flash Memory
July, 2013
More results

Similar Description - ENA2093

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5768M-TLM-H SANYO-LV5768M-TLM-H Datasheet
322Kb / 15P
   1-channel Step-down Switching Regulator
LV5747QA SANYO-LV5747QA Datasheet
88Kb / 6P
   1-channel Step-down Switching Regulator
logo
Rohm
BD9702T ROHM-BD9702T Datasheet
307Kb / 6P
   1 Channel Step-down Switching Regulator
logo
Sanyo Semicon Device
LV5747TT SANYO-LV5747TT Datasheet
87Kb / 5P
   1-channel Step-down Switching Regulator
LV5749V SANYO-LV5749V Datasheet
81Kb / 6P
   1-channel Step-down Switching Regulator
LV5761V_0909 SANYO-LV5761V_0909 Datasheet
150Kb / 6P
   1-channel Step-down Switching Regulator
LV5749NV SANYO-LV5749NV Datasheet
117Kb / 6P
   1-channel Step-down Switching Regulator
LV5768M SANYO-LV5768M Datasheet
322Kb / 15P
   1-channel Step-down Switching Regulator
logo
Rohm
BD9703FP ROHM-BD9703FP Datasheet
317Kb / 6P
   1 Channel Step-down Switching Regulator
logo
Sanyo Semicon Device
LV5747NTT SANYO-LV5747NTT Datasheet
179Kb / 5P
   1-channel Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com