Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV5980MC Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LV5980MC
Description  Low power consumption and high efficiency Step-down Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5980MC Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LV5980MC Datasheet HTML 1Page - Sanyo Semicon Device LV5980MC Datasheet HTML 2Page - Sanyo Semicon Device LV5980MC Datasheet HTML 3Page - Sanyo Semicon Device LV5980MC Datasheet HTML 4Page - Sanyo Semicon Device LV5980MC Datasheet HTML 5Page - Sanyo Semicon Device LV5980MC Datasheet HTML 6Page - Sanyo Semicon Device LV5980MC Datasheet HTML 7Page - Sanyo Semicon Device LV5980MC Datasheet HTML 8Page - Sanyo Semicon Device LV5980MC Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
N2112NKPC 20120801-S00003 No.A2104-1/16
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
LV5980MC
Overview
LV5980MC is 1ch DCDC converter with built-in power Pch MOSFET. The recommended operating range is 4.5V to
23V. The maximum current is 3A. The operating current is about 63µA, and low power consumption is achieved.
Features and Functions
• 1ch SBD rectification DCDC converter IC with built-in power Pch MOSFET
• Typical value of light load mode current is 63µA
• 4.5V to 23V Operating input voltage range
• 100mΩ High-side switch
• Output voltage adjustable to 1.235V
• The oscillatory frequency is 370kHz
• built-in OCP circuit with P-by-P method
• When P-by-P is generated continuously, it shifts to the HICCUP operation
• External capacitor Soft-start
• Under voltage lock-out, thermal shutdown
Applications
• Set top boxes
• DVD/Blu-ray drivers and HDD
• LCD monitors and TVs
• Point of load DC/DC converters
• Office Equipment
• POS System
• White Goods
Application Circuit Example
Bi-CMOS IC
Low power consumption and high efficiency
Step-down Switching Regulator
Ordering number : ENA2104
40
30
20
10
50
60
70
80
90
1
2 3 5 7
10
2 3 5 7
100
2 3 5 7
1000
2 3 5 7
2 3 5 7
Load current -- mA
0
100
0.1
10000
VOUT = 5V
VIN=8V
VIN=1
2V
VIN=15V
Efficiency
VIN
GND
VIN
LV5980MC
PDR
C1: GRM31CB31E106K [murata]
C2: C2102JB0J106M [TDK]
L1: FDVE1040-100M [TOKO]
D1: SB3003CH [SANYO]
SW
FB
REF
COMP
SS/HICCUP
C1
C3
10
µF
×2
10
µF
×3
L1 10
µH
1
µF
C7
R1
D1
R3
5V
VOUT
C2
R2
47k
1
µF
C6
4.7nF
C5
2.2nF


Similar Part No. - LV5980MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5980MC ONSEMI-LV5980MC_13 Datasheet
272Kb / 16P
   Low power consumption
August, 2013
More results

Similar Description - LV5980MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5061V-TLM-H ONSEMI-LV5061V-TLM-H Datasheet
114Kb / 6P
   Low power consumption and high efficiency Step-down Switching Regulator
August, 2013
logo
Sanyo Semicon Device
LV5980MX SANYO-LV5980MX Datasheet
471Kb / 16P
   Low power consumption and high efficiency Step-down Switching Regulator
LV5061V SANYO-LV5061V Datasheet
157Kb / 6P
   Low power consumption and high efficiency Step-down Switching Regulator Controller
LV5068V SANYO-LV5068V Datasheet
168Kb / 6P
   Low power consumption and high efficiency Step-down Switching Regulator Controller
LV5990M SANYO-LV5990M Datasheet
227Kb / 6P
   Bi-CMOS IC Low power consumption and high efficiency Step-down Switching Regulator
LV5066V SANYO-LV5066V Datasheet
109Kb / 5P
   Bi-CMOS IC Low power consumption and high efficiency Step-down Switching Regulator Controller
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
logo
Linear Technology
LTC1435 LINER-LTC1435_15 Datasheet
348Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435 LINER-LTC1435 Datasheet
404Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435A LINER-LTC1435A_15 Datasheet
366Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com