Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W88111AF Datasheet(PDF) 2 Page - Winbond

Part # W88111AF
Description  ATAPI CD-ROM DECODER & CONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W88111AF Datasheet(HTML) 2 Page - Winbond

  W88111AF Datasheet HTML 1Page - Winbond W88111AF Datasheet HTML 2Page - Winbond W88111AF Datasheet HTML 3Page - Winbond W88111AF Datasheet HTML 4Page - Winbond W88111AF Datasheet HTML 5Page - Winbond W88111AF Datasheet HTML 6Page - Winbond W88111AF Datasheet HTML 7Page - Winbond W88111AF Datasheet HTML 8Page - Winbond W88111AF Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
W88111AF/W88112F
Preliminary/Confidential
ATAPI CD-ROM Decoder & Controller
This specification is subject to change without notice.
Publication Release Date: Aug, 1996
- 2 -
Preliminary/ Confidential Revision A0.1
STAT3 - Status Register 3 - (read 0Fh) ______________________________________________________22
CTRLW - Control-Write Register - (write 10h) ________________________________________________23
STAT4 - Status Register 4 - (read 10h) ______________________________________________________24
CRTRG - Correction Retry Trigger - (write 11h) ______________________________________________24
MBTC0 - Multi-Block Transfer Control 0 - (read/write 12h) _____________________________________25
MBTC1 - Multi-Block Transfer Control 1 - (read/write 13h) _____________________________________26
ECTRL - Enhanced Control Register - (write 14h) _____________________________________________26
SUBH0 to SUBH3 - Subheader Registers - (read 14h to 17h) ____________________________________27
ASTRG - Automatic Sequence Trigger Register (write 17h) ______________________________________27
ASCTRL - Automatic Sequence Control register - (read/write 18h) ________________________________29
CCTL0 - Clock Control Register 0 - (write 19h) ______________________________________________31
CCTL1 - Clock Control Register 1 - (write 1Ah) _______________________________________________32
VER - Version Register - (read 1Ah) ________________________________________________________32
DSPSL - DSP Selection Register - (write 1Bh) ________________________________________________32
C2BEB - C2 Block Error Byte - (read 1Bh)___________________________________________________33
RACL, RACH, and RACU - RAM Address Counter - (write 1Ch, 1Dh, 2Dh)_________________________33
RAMWR - RAM Write Register - (write 1Eh)__________________________________________________34
RAMRD - RAM Read Register - (read 1Eh) __________________________________________________34
HICTL0 - Host Interface Control Register - (write 1Fh)_________________________________________34
STAT5 - Status Register 5 - (read 1Fh) ______________________________________________________35
HICTL1 - Host Interface Control Register - (write 20h) _________________________________________36
SICTL0 - Subcode Interface Control Register 0 - (write 21h) ____________________________________37
SCIACK - Subcode Interrupt Acknowledge - (write 22h) ________________________________________37
SUBSTA - Subcode Status Register - (read 22h) _______________________________________________38
RAMCF - RAM Configuration Register - (read/write 2Ah)_______________________________________38
MEMCF - Memory Layout Configuration Register - (write 2Bh) __________________________________39
SICTL1 - Subcode Interface Control Register 1 - (write 2Ch) ____________________________________40
MISC0 - Miscellaneous Control Register 0 - (write 2Eh) ________________________________________41
MISS0 - Miscellaneous Status Register 0 - (read 2Eh) __________________________________________42
MISC1 - Miscellaneous Control Register 1 (write 2Fh) _________________________________________43
MISS1 - Miscellaneous Status Register 0 - (read 2Fh) __________________________________________44
ARSTACK - ATAPI Soft Reset Acknowledge (write 30h)_________________________________________45
MISS2 - Miscellaneous Status Register 0 (read 30h)____________________________________________46


Similar Part No. - W88111AF

ManufacturerPart #DatasheetDescription
logo
Winbond
W88113C WINBOND-W88113C Datasheet
573Kb / 47P
   ATAPI CD-ROM DECODER & CONTROLLER
W88113CD WINBOND-W88113CD Datasheet
573Kb / 47P
   ATAPI CD-ROM DECODER & CONTROLLER
W88113CF WINBOND-W88113CF Datasheet
573Kb / 47P
   ATAPI CD-ROM DECODER & CONTROLLER
More results

Similar Description - W88111AF

ManufacturerPart #DatasheetDescription
logo
Winbond
W88113C WINBOND-W88113C Datasheet
573Kb / 47P
   ATAPI CD-ROM DECODER & CONTROLLER
logo
Sony Corporation
CXD1812Q SONY-CXD1812Q Datasheet
450Kb / 56P
   ATAPI I/F CD-ROM DECODER
logo
Sanyo Semicon Device
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
logo
Samsung semiconductor
KS9246 SAMSUNG-KS9246 Datasheet
756Kb / 126P
   ATAPI AUTOMATED CD-ROM CONTROLLER WITH EMBEDDED DRAM
logo
Sony Corporation
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
   CD-ROM DECODER
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
   CD-ROM DECODER
CXD1199AQ SONY-CXD1199AQ Datasheet
349Kb / 42P
   CD-ROM DECODER
CXD1808AQ SONY-CXD1808AQ Datasheet
1Mb / 53P
   CD-ROM DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com