Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W89C840AF Datasheet(PDF) 4 Page - Winbond

Part # W89C840AF
Description  100/10Mbps Ethernet Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W89C840AF Datasheet(HTML) 4 Page - Winbond

  W89C840AF Datasheet HTML 1Page - Winbond W89C840AF Datasheet HTML 2Page - Winbond W89C840AF Datasheet HTML 3Page - Winbond W89C840AF Datasheet HTML 4Page - Winbond W89C840AF Datasheet HTML 5Page - Winbond W89C840AF Datasheet HTML 6Page - Winbond W89C840AF Datasheet HTML 7Page - Winbond W89C840AF Datasheet HTML 8Page - Winbond W89C840AF Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
W89C840AF
Publication Release Date:October 2000
-4 -
Revision 1.01
l
Single 5 volt power supply
l
128 pins PQFP package
Pin Assignment
W89C840AF
AD5
40
AD6
39
AD25
127
AD24
128
AD4
41
AD3
42
AD26
126
AD27
125
AD28
124
AD29
123
AD30
122
AD31
121
GND
120
VCC
119
AD2
43
AD1
44
AD0
45
VCC
46
GND
47
BTWEB
48
GND
115
PCICLK
114
PWGD
113
RSTB
112
GND
109
VCC
108
MIRXD3
107
MIRXD2
106
PMEB
118
REQB
117
GNTB
116
INTAB
111
RMGWKU
110
MIRXD1
105
MIRXD0
104
GND
103
BTADD0
64
GND
63
VCC
62
BTADATA7
61
BTADATA6
60
BTADATA5
59
BTADATA4
58
EEDO/BTADATA3
57
EEDI/BTADATA2
56
EECK/BTADATA1
55
BTADATA0
54
GND
53
VCC
52
EECS
51
BTCSB
50
BTOEB
49
Fig 1: W89C840AF pin configuration


Similar Part No. - W89C840AF

ManufacturerPart #DatasheetDescription
logo
Winbond
W89C841D WINBOND-W89C841D Datasheet
1Mb / 102P
   3-IN - 1 10/100M FAST ETHERNET CONTROLLER
W89C841F WINBOND-W89C841F Datasheet
1Mb / 102P
   3-IN - 1 10/100M FAST ETHERNET CONTROLLER
More results

Similar Description - W89C840AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KL5KUSB220 ETC1-KL5KUSB220 Datasheet
174Kb / 10P
   USB2.0 to 100 Ethernet Controller
KL5KUSB121 ETC-KL5KUSB121 Datasheet
303Kb / 17P
   USB to 10/100 Ethernet Controller
logo
Realtek Semiconductor C...
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
   INTEGRATED 10/100/1000M ETHERNET CONTROLLER
logo
Intel Corporation
21143 INTEL-21143 Datasheet
257Kb / 52P
   PCI/CardBus 10/100 Ethernet LAN Controller
logo
Cirrus Logic
CS8920 CIRRUS-CS8920 Datasheet
1Mb / 66P
   Ethernet Controller
logo
SMSC Corporation
LAN9513 SMSC-LAN9513 Datasheet
863Kb / 51P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9512 SMSC-LAN9512_12 Datasheet
861Kb / 51P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
List of Unclassifed Man...
TC6102 ETC-TC6102 Datasheet
273Kb / 13P
   2 PORT 10/100 M ETHERNET SWITCH CONTROLLER
logo
ASIX Electronics Corpor...
AX88772 ASIX-AX88772 Datasheet
878Kb / 42P
   USB to 10/100 Fast Ethernet/HomePNA Controller
logo
Advanced Micro Devices
AM79C976 AMD-AM79C976 Datasheet
2Mb / 309P
   PCnet-PRO??10/100 Mbps PCI Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com