Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA5101 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # SMA5101
Description  RF Double Balanced Mixer IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SMA5101 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  SMA5101_12 Datasheet HTML 1Page - Sanyo Semicon Device SMA5101_12 Datasheet HTML 2Page - Sanyo Semicon Device SMA5101_12 Datasheet HTML 3Page - Sanyo Semicon Device SMA5101_12 Datasheet HTML 4Page - Sanyo Semicon Device SMA5101_12 Datasheet HTML 5Page - Sanyo Semicon Device SMA5101_12 Datasheet HTML 6Page - Sanyo Semicon Device SMA5101_12 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SMA5101
No. A1839-4/7
P1dB -- ICC
Collector Current, ICC -- mA
IIP3 -- ICC
Collector Current, ICC -- mA
Gc -- ICC
Collector Current, ICC -- mA
IT15978
0
5
10
15
25
20
25
15
10
5
20
0
--3dBm
P(LO)=
--
6dBm
0dBm
VCC=5V
f(RF1)=450MHz
f(RF2)=451MHz
f(LO)=500MHz
P(RF)= --15dBm
0
5
10
15
25
20
IT15976
10
0
--5
5
--10
--6dBm
VCC=5V
f(RF)=450MHz
f(LO)=500MHz
P(LO)=
--3dBm
0dBm
0
5
10
15
25
20
IT15977
10
0
--5
5
--10
--6dBm
VCC=5V
f(RF)=450MHz
f(LO)=500MHz
P(RF)= --15dBm
P(LO)= --3dBm
0dBm


Similar Part No. - SMA5101_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMA5101-TL-H ONSEMI-SMA5101-TL-H Datasheet
666Kb / 7P
   Mixer, IIP3 15dBm, Gc -0.5dB 450MHz, MCPH6
August, 2013
More results

Similar Description - SMA5101_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SMA5101 SANYO-SMA5101 Datasheet
87Kb / 5P
   RF Double Balanced Mixer IC
SPM5001 SANYO-SPM5001 Datasheet
37Kb / 3P
   RF Double Balanced Mixer
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
   Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
   Double-Balanced Mixer
M76H MA-COM-M76H Datasheet
1Mb / 3P
   Double-Balanced Mixer
M6E-50 MA-COM-M6E-50_15 Datasheet
651Kb / 3P
   Double-Balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com