Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1839A Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ENA1839A
Description  RF Double Balanced Mixer IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1839A Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ENA1839A Datasheet HTML 1Page - Sanyo Semicon Device ENA1839A Datasheet HTML 2Page - Sanyo Semicon Device ENA1839A Datasheet HTML 3Page - Sanyo Semicon Device ENA1839A Datasheet HTML 4Page - Sanyo Semicon Device ENA1839A Datasheet HTML 5Page - Sanyo Semicon Device ENA1839A Datasheet HTML 6Page - Sanyo Semicon Device ENA1839A Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SMA5101
No. A1839-1/7
Features
Wide band : up to Ku band
High conversion gain : --0.5dB (@450MHz)
Low distortion : IIP3=20dBm (@ICC > 11mA)
Low voltage available : 1.2V and above
SMT, Ultra small package : 2.0×2.1×0.85mm
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
8V
Collector-to-Emitter Voltage
VCEO
6V
Emitter-to-Base Voltage
VEBO
2V
Collector Current
ICC
50
mA
Max Power Dissipation
PC
280
mW
Operating Temperature
Topr
--40 to +85
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7022A-020
Ordering number : ENA1839A
90512 TKIM/O0610AM TKIM TC-00002495
SANYO Semiconductors
DATA SHEET
http://www.sanyosemi.com/en/network/
Product & Package Information
• Package
: MCPH6
• JEITA, JEDEC
: SC-88, SC-70-6, SOT-363
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Equivalent Circuit
TL
1 : Base2
2 : Collector1
3 : Collector2
4 : Emitter2
5 : Emitter1
6 : Base1
SANYO : MCPH6
2.0
0.3
0.65
0.15
0 to 0.02
65
4
12
3
65
4
12
3
SMA5101-TL-H
LD
SMA5101 SiliconMonolithicLinearIC
RF Double Balanced Mixer IC
1
6
2
3
4
5
IT15506


Similar Part No. - ENA1839A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1832A SANYO-ENA1832A Datasheet
348Kb / 6P
   Ultrahigh-Speed Switching Diode
ENA1833C SANYO-ENA1833C Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
ENA1835A ONSEMI-ENA1835A Datasheet
180Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA1836B ONSEMI-ENA1836B Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
ENA1837A ONSEMI-ENA1837A Datasheet
325Kb / 7P
   Bipolar Transistor 200V, 0.7A, Low VCE(sat), NPN Single TO-126ML
September, 2013
More results

Similar Description - ENA1839A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SMA5101 SANYO-SMA5101 Datasheet
87Kb / 5P
   RF Double Balanced Mixer IC
SPM5001 SANYO-SPM5001 Datasheet
37Kb / 3P
   RF Double Balanced Mixer
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
   Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
   Double-Balanced Mixer
M76H MA-COM-M76H Datasheet
1Mb / 3P
   Double-Balanced Mixer
M6E-50 MA-COM-M6E-50_15 Datasheet
651Kb / 3P
   Double-Balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com