Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W89C940 Datasheet(PDF) 1 Page - Winbond

Part # W89C940
Description  ELANC-PCI (TWISTED-PAIR ETHER-LAN CONTROLLER WITH PCI INTERFACE)
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W89C940 Datasheet(HTML) 1 Page - Winbond

  W89C940 Datasheet HTML 1Page - Winbond W89C940 Datasheet HTML 2Page - Winbond W89C940 Datasheet HTML 3Page - Winbond W89C940 Datasheet HTML 4Page - Winbond W89C940 Datasheet HTML 5Page - Winbond W89C940 Datasheet HTML 6Page - Winbond W89C940 Datasheet HTML 7Page - Winbond W89C940 Datasheet HTML 8Page - Winbond W89C940 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
W89C940
ELANC-PCI (TWISTED-PAIR ETHER-LAN CONTROLLER WITH
PCI INTERFACE)
GENERAL DESCRIPTION
he ELANC-PCI (Twisted-pair Ether-LAN Controller with PCI Interface) integrates a W89C902 Serial(ELANC-
PCI) LAN Coprocessor for Twisted-Pair (SLCT) and PC/AT PCI bus interface logic into a single chip. The
ELANC-PCI provides an easy way of implementing the interface between an IEEE 802.3-compatible Ethernet
and a personal computer, ELANC-PCI also provide fast DMA operation to improve the packet transmit and
receive performance.
The PCI bus is a high performance local bus architecture with low latency random access time. It is a
synchronous bus with operation up to 33MHz. The PCI bus interface is designed to provide the registers with
the device information required for configuration, recording the status of the lines , control registers, interrupt
line and I/O base address registers. It is capable of functioning in a half-duplex environment.
The W89C940Fis designed to fully comply with the standard of PCI 2.0 specification. Taking advantage of PCI's
nature, W89C940F supports auto-configuration function to free users' depression and confusion on tunning
system resources conflict. With extremely high throughput on PCI bus, W89C940F offers a 32 bits data path to
highly boost its performance without extra cost. Comparing with LAN card with ISA bus, its improvement is
excellent. Besides, it also supports up to 256KB flash memory reserved for various applications, for instance
anti-virus, popular drivers, Boot ROM, viewing your PC assets...etc., and what is more, these software are able
to be updated on line. This can increase more niche feature on your LAN card, help you get more and bright
your company profile. W89C940F is a single chip - build-in PCI bus interface and all necessary circuits - which
will let design and board assembly become easy.
FEATURES
• Fully compatible with IEEE 802.3 standard
• Software compatible with Novell NE2000
• Complies with PCI Local Bus Specification Revision 2.0
Slave Mode for PCI bus
Fast DMA operation enhancing network access performance
AUI, UTP interface available
Supports one chip 32Kx8 and 16Kx8 SRAM
Supports up to 64KB boot ROM
• EEPROM auto-load function after power on reset
EEPROM on-board programming function available
UTP interface polarity auto detection correction function available
• UTP/BNC auto media-switching function provided
LED displaying for network segment Link/activity status
Signature register available for device identification
Single 5V power supply with low power consumption
100 Pin PQFP


Similar Part No. - W89C940

ManufacturerPart #DatasheetDescription
logo
Winbond
W89C92 WINBOND-W89C92 Datasheet
395Kb / 48P
   PCMCIA ETHERNET NETWORK TWISTED PAIR INTERFACE CONTROLLER
W89C926 WINBOND-W89C926 Datasheet
395Kb / 48P
   PCMCIA ETHERNET NETWORK TWISTED PAIR INTERFACE CONTROLLER
W89C982 WINBOND-W89C982 Datasheet
277Kb / 28P
   INTEGRATED MULTIPLE REPEATER II
W89C982AF WINBOND-W89C982AF Datasheet
277Kb / 28P
   INTEGRATED MULTIPLE REPEATER II
More results

Similar Description - W89C940

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186ES INNOVASIC-IA186ES Datasheet
94Kb / 19P
   PCI FAST ETHERNET LAN CONTROLLER
logo
Micrel Semiconductor
KSZ8841-PMQL MICREL-KSZ8841-PMQL Datasheet
171Kb / 2P
   Ethernet MAC Controller with PCI Interface
KSZ8841 MICREL-KSZ8841 Datasheet
167Kb / 2P
   Ethernet MAC Controller with PCI Interface
logo
List of Unclassifed Man...
AN983B ETC-AN983B Datasheet
2Mb / 91P
   PCI/miniPCI-to-Ethernet LAN Controller
logo
National Semiconductor ...
PC87410 NSC-PC87410 Datasheet
197Kb / 16P
   PC87410 PCI-IDE Interface Controller
logo
Intel Corporation
21143 INTEL-21143 Datasheet
257Kb / 52P
   PCI/CardBus 10/100 Ethernet LAN Controller
logo
Winbond
W89C926 WINBOND-W89C926 Datasheet
395Kb / 48P
   PCMCIA ETHERNET NETWORK TWISTED PAIR INTERFACE CONTROLLER
logo
Davicom Semiconductor, ...
DM9103EP DAVICOM-DM9103EP Datasheet
46Kb / 2P
   Three Port Ethernet Switch Controller with PCI Interface
logo
Micrel Semiconductor
KSZ8841-PMQL MICREL-KSZ8841-PMQL Datasheet
550Kb / 2P
   Single-Port Ethernet MAC Controller with PCI Interface
logo
Microchip Technology
KSZ8841-PMQL MICROCHIP-KSZ8841-PMQL Datasheet
1Mb / 72P
   Single-Port Ethernet MAC Controller with PCI Interface
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com