Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

022214-0000 Datasheet(PDF) 10 Page - ITT Industries

Part # 022214-0000
Description  D Subminiature Connectors
Download  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

022214-0000 Datasheet(HTML) 10 Page - ITT Industries

Back Button 022214-0000 Datasheet HTML 6Page - ITT Industries 022214-0000 Datasheet HTML 7Page - ITT Industries 022214-0000 Datasheet HTML 8Page - ITT Industries 022214-0000 Datasheet HTML 9Page - ITT Industries 022214-0000 Datasheet HTML 10Page - ITT Industries 022214-0000 Datasheet HTML 11Page - ITT Industries 022214-0000 Datasheet HTML 12Page - ITT Industries 022214-0000 Datasheet HTML 13Page - ITT Industries 022214-0000 Datasheet HTML 14Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
9
D Subminiature
ZD*
Straight Solder Termination (Stamped)
Part Numbers
Shell Size
Layout
Through Hole
Standoff With
Boardlock
DE
9
ZDE9S-OL2
ZDEE9S-OL2-146
DA
15
ZDA15S-OL2
ZDAE15S-OL2-146
DB
25
ZDB25S-OL2
ZDBE25S-OL2-146
DC
37
ZDC37S-OL2
ZDCE37S-OL2-146
DD
50
ZDD50S-OL2
ZDDE50S-OL2-146
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
DD
66,93 (2.635)
52,42 (2,064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
Receptacle
Engaging Face
2,84
(.112)
F
W
1,00 (.040)
REF
Selection Guide
For Product Features, Specifications,
Materials and Finishes, see pages 2-3.
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 274.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
Hardware removed for clarity
3,18 (.125)
MIN
STANDOFF
# 4-40 UNC
4,32 (.170)
0,64 (.025)
REF
REF
6,00
(.236)
A
C
B
10
°
E
D
POSITION 1


Similar Part No. - 022214-0000

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
02220.0-00 STEGO-02220.0-00 Datasheet
568Kb / 2P
   VARIOLINE LAMP
20.07.2022
02220.0-30 STEGO-02220.0-30 Datasheet
568Kb / 2P
   VARIOLINE LAMP
20.07.2022
logo
Weidmuller
0222760000 WEIDMULLER-0222760000 Datasheet
1Mb / 52P
   SAK-series
0222760000 WEIDMULLER-0222760000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0222760001 WEIDMULLER-0222760001 Datasheet
474Kb / 2P
   ASK 1EN/LD, KDKS 1EN/LD and KDKS 1PE/LD Indicating Fuse Terminal Blocks
More results

Similar Description - 022214-0000

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
ITT Industries
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com