Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91030B Datasheet(PDF) 10 Page - Winbond

Part # W91030B
Description  CALLING LINE IDENTIFIER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91030B Datasheet(HTML) 10 Page - Winbond

Back Button W91030B Datasheet HTML 6Page - Winbond W91030B Datasheet HTML 7Page - Winbond W91030B Datasheet HTML 8Page - Winbond W91030B Datasheet HTML 9Page - Winbond W91030B Datasheet HTML 10Page - Winbond W91030B Datasheet HTML 11Page - Winbond W91030B Datasheet HTML 12Page - Winbond W91030B Datasheet HTML 13Page - Winbond W91030B Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Preliminary W91030B
- 10 -
Mode 0 (MODE = low):
The W91030B processes the FSK signal and outputs signals on the DCLK, DATA and FDRN pins.
Figure 7-7 shows the timing diagram of the 3-wire signals and the input of the FSK signal in mode 0.
For each received stop and start bit sequence, the device outputs a fixed frequency clock string of 8
pulses on the DCLK pin. Each clock rising edge occurs in the middle of each data bit. DCLK is not
generated for the stop and start bits. The DCLK pin is used as a clock driving signal for a serial to
parallel shift register or for a serial data input for a microcontroller. After the 8-bit data has been
shifted out by the device, the FDRN pin will supply a low pulse to inform the microcontroller to
process the 8-bit data.
Tip/Ring
1*
1
0
b0 b1 b2
start
b3 b4 b5 b6 b7 1*
0
b0 b1 b2 b3 b4 b5 b6 b7 1
1
0
b0
stop
start
stop
start
DATA
b0 b1 b2 b3 b4 b5 b6 b7
b0 b1 b2 b3 b4 b5 b6 b7
start
stop
start
stop
start
tIDD
DCLK
FDRN
1/fDCLK0
tCRD
t RL
1st byte data
2nd byte data
1st byte data
2nd byte data
* Mark bit or redundant stop bit(s), will be omitted.
Figure 7-7. Serial Data Interface Timing of FSK Demodulation in Mode 0
Mode 1 (MODE = high):
The W91030B processes the FSK signal and sets the FDRN pin low to denote the 8-bit boundary and
to indicate to the microcontroller that new data has been transmitted. FDRN will return high on the
first rising edge of DCLK. FDRN is low for half of a nominal bit time (1/2400 sec) if DCLK is not driven
high. DCLK is used to shift 8-bit data out (LSB shift first) on the rising edge. After the last bit (MSB)
has been read, additional clock pulses on DCLK are ignored. Figure 7-8 shows the timing diagram of
the 3-wire signals and the input of the FSK signal in mode 1.


Similar Part No. - W91030B

ManufacturerPart #DatasheetDescription
logo
Winbond
W91031 WINBOND-W91031 Datasheet
274Kb / 29P
   LOW POWER CMOS INTERGRATED CIRCUIT
More results

Similar Description - W91030B

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX602 CMLMICRO-FX602 Datasheet
822Kb / 29P
   CALLING LINE IDENTIFIER
logo
Samsung semiconductor
KS8630D SAMSUNG-KS8630D Datasheet
258Kb / 23P
   ENHANCED CALLING LINE IDENTIFIER WITH CALL WAITING
logo
CML Microcircuits
CMX602A CMLMICRO-CMX602A Datasheet
669Kb / 25P
   Calling Line Identifier plus Call Waiting (Type II)
logo
Holtek Semiconductor In...
HT9032C HOLTEK-HT9032C_16 Datasheet
114Kb / 11P
   Calling Line Identification Receiver
HT9032 HOLTEK-HT9032 Datasheet
222Kb / 10P
   Calling Line Identification Receiver
HT9032C HOLTEK-HT9032C Datasheet
191Kb / 14P
   Calling Line Identification Receiver
HT9030 HOLTEK-HT9030 Datasheet
250Kb / 6P
   Calling line identification receiver
logo
Extech Instruments Corp...
CT40 EXTECH-CT40 Datasheet
248Kb / 1P
   16-Line Cable Identifier/Tester Kit
logo
Motorola, Inc
MC14LC5447 MOTOROLA-MC14LC5447 Datasheet
267Kb / 12P
   Calling Line Identification (CLID) Receiver with Ring Detector
logo
TE Connectivity Ltd
C-3-1440000-9 TEC-C-3-1440000-9 Datasheet
121Kb / 2P
   change logo,add cqc, line identifier, plating thickness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com