Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91340N Datasheet(PDF) 3 Page - Winbond

Part # W91340N
Description  10-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91340N Datasheet(HTML) 3 Page - Winbond

  W91340N Datasheet HTML 1Page - Winbond W91340N Datasheet HTML 2Page - Winbond W91340N Datasheet HTML 3Page - Winbond W91340N Datasheet HTML 4Page - Winbond W91340N Datasheet HTML 5Page - Winbond W91340N Datasheet HTML 6Page - Winbond W91340N Datasheet HTML 7Page - Winbond W91340N Datasheet HTML 8Page - Winbond W91340N Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
W91340N SERIES
Publication Release Date: May 1997
- 3 -
Revision A2
Pin Description, continued
SYMBOL
18-PIN 20-PIN
I/O
FUNCTION
DP
11
13
O
N-channel open drain dialing pulse output.
Flash key will cause DP to be active in either tone mode or
pulse mode.
The timing diagram for pulse mode is shown in Figure 1(a, b, c).
VDD, VSS
14, 6
16, 6
I
Power input pins.
DTMF
12
14
O
In pulse mode, this pin remains in low state at all times. In
the tone mode, it will output a dual or single tone. Detailed
timing diagram for tone mode is shown in Figure 2(a, b, c).
Specified
Actual
Error %
Output Frequency
R1
R2
R3
R4
C1
C2
C3
697
770
852
941
1209
1336
1477
699
766
848
948
1216
1332
1472
+0.28
-0.52
-0.47
+0.74
+0.57
-0.30
-0.34
HFI, HFO
-
10, 11
I, O
Handfree control pins. The handfree control state is toggled
on by a low pulse on the HFI input pin. The status of the
handfree control state is described in the following table:
CURRENT STATE
Input
HFO
Dialing
High
Yes
On Hook
High
Low
No
Off Hook
High
Low
Yes
On Hook
Off Hook
Low
Yes
Off Hook
Low
On Hook
Low
No
Off Hook
High
On Hook
High
Yes
Low
Hook SW.
HFO
NEXT STATE
HFI
HFI
HFI
HFI pin is pulled to VDD by an internal resistor.
Detailed timing diagram is shown in Figure 3.
H/P MUTE
5
5
O
The H/P MUTE is a conventional inverter output. During
pulse dialing, flash break or hold period, this output is active
high; otherwise, it remains in low state.


Similar Part No. - W91340N

ManufacturerPart #DatasheetDescription
logo
Winbond
W91310 WINBOND-W91310 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312 WINBOND-W91312 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312A WINBOND-W91312A Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312N WINBOND-W91312N Datasheet
109Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91314 WINBOND-W91314 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
More results

Similar Description - W91340N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
KODENSHI_AUK CORP.
KK91350A KODENSHI-KK91350A Datasheet
636Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91520N WINBOND-W91520N Datasheet
193Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91360N WINBOND-W91360N Datasheet
190Kb / 14P
   3-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
logo
Winbond
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
W9145 WINBOND-W9145 Datasheet
209Kb / 18P
   15-MEMORY TONE/PULSE DIALER WITH LOCK AND HANDFREE FUNCTION
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com