Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91330LN Datasheet(PDF) 3 Page - Winbond

Part # W91330LN
Description  TONE/PULSE DIALER WITH HANDFREE LOCK AND KEY TONE FUNCTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91330LN Datasheet(HTML) 3 Page - Winbond

  W91330LN Datasheet HTML 1Page - Winbond W91330LN Datasheet HTML 2Page - Winbond W91330LN Datasheet HTML 3Page - Winbond W91330LN Datasheet HTML 4Page - Winbond W91330LN Datasheet HTML 5Page - Winbond W91330LN Datasheet HTML 6Page - Winbond W91330LN Datasheet HTML 7Page - Winbond W91330LN Datasheet HTML 8Page - Winbond W91330LN Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
W91330N SERIES
Publication Release Date: May 1997
- 3 -
Revision A2
PIN DESCRIPTION
SYMBOL
18-PIN
20-PIN
I/O
FUNCTION
Column-
Row
Inputs
1
−4
&
15
−18
1
−4
&
17
−20
I
The keyboard inputs may be used with either the
standard 5
× 4 keyboard or the inexpensive single
contact (Form A) keyboard. Electronic input from a
µC can also be used.
A valid key-in is defined as a single row being
connected to a single column.
XT, XT
7, 8
7, 8
I, O
A built-in inverter provides oscillation with an
inexpensive 3.579545 MHz crystal or ceramic
resonator.
T/P
MUTE
9
9
O
The T/P MUTE is a conventional CMOS N-channel
open drain output.
The output transistor is switched on during dialing
sequence, one-key redial break, and flash break
time. Otherwise, it is switched off.
MODE
13
15
I
Pulling mode pin to VSS places the dialer in tone
mode.
Pulling mode pin to VDD places the dialer in pulse
mode. (10 ppS; 20 ppS for W91331N/W91331AN,
M/B = 40:60)
Floating mode pin places the dialer in pulse mode.
(10 ppS; 20 ppS for W91331N/W91331AN, M/B =
33.3:66.7).
HKS
10
12
I
Hook switch input.
HKS = VDD: On-hook state. Chip in sleeping mode,
no operation.
HKS = VSS: Off-hook state. Chip enabled for normal
operation.
HKS pin is pulled to VDD by internal resistor.
DP
11
13
O
N-channel open drain dialing pulse output.
Flash key will cause DP to be active in either tone
mode or pulse mode.
The timing diagram for pulse mode is shown in
Figure 1(a, b, c, d).
VDD, VSS
14, 6
16, 6
I
Power input pins.


Similar Part No. - W91330LN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91310 WINBOND-W91310 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312 WINBOND-W91312 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312A WINBOND-W91312A Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312N WINBOND-W91312N Datasheet
109Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91314 WINBOND-W91314 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
More results

Similar Description - W91330LN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
W91520N WINBOND-W91520N Datasheet
193Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W9145 WINBOND-W9145 Datasheet
209Kb / 18P
   15-MEMORY TONE/PULSE DIALER WITH LOCK AND HANDFREE FUNCTION
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
logo
List of Unclassifed Man...
SC91710A ETC-SC91710A Datasheet
297Kb / 18P
   TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
logo
Winbond
W91473 WINBOND-W91473 Datasheet
236Kb / 20P
   14-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION
W91530N WINBOND-W91530N Datasheet
228Kb / 19P
   13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
W91540N WINBOND-W91540N Datasheet
222Kb / 19P
   10-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE,LOCK AND HANDFREE FUNCTION
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com