Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91410 Datasheet(PDF) 6 Page - Winbond

Part # W91410
Description  TONE/PULSE DIALER WITH SAVE FUNCTION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91410 Datasheet(HTML) 6 Page - Winbond

Back Button W91410 Datasheet HTML 2Page - Winbond W91410 Datasheet HTML 3Page - Winbond W91410 Datasheet HTML 4Page - Winbond W91410 Datasheet HTML 5Page - Winbond W91410 Datasheet HTML 6Page - Winbond W91410 Datasheet HTML 7Page - Winbond W91410 Datasheet HTML 8Page - Winbond W91410 Datasheet HTML 9Page - Winbond W91410 Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
W91410 SERIES
- 6 -
Flash
OFF HOOK
,
F
1. Flash key can be stored as a digit in memory.
2. The system will return to the initial state after the break time is finished.
3. The flash function timing diagram is shown in Figure 5.
OFF HOOK
,
D1
,
D2
,
…,
Dn
,
SAVE
1. If the dialing of
D1
to
Dn
is finished and
the
SAVE
key is pressed, D1 to Dn will be
copied to the SAVE memory.
ON HOOK
,
OFF HOOK
,
SAVE
2. D1 to Dn will be dialed out after the SAVE key is pressed.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
DC Supply Voltage
VDD
VSS
-0.3 to +7.0
V
Input/Output Voltage
VIL
VSS -0.3
V
VIH
VDD +0.3
V
VOL
VSS -0.3
V
VOH
VDD +0.3
V
Power Dissipation
PD
120
mW
Operating Temperature
TOPR
-20 to +70
°C
Storage Temperature
TSTG
-55 to +125
°C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability
of the device.


Similar Part No. - W91410

ManufacturerPart #DatasheetDescription
logo
Winbond
W91430N WINBOND-W91430N Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91432 WINBOND-W91432 Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91432N WINBOND-W91432N Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91433N WINBOND-W91433N Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91434G WINBOND-W91434G Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
More results

Similar Description - W91410

ManufacturerPart #DatasheetDescription
logo
Winbond
W91460N WINBOND-W91460N Datasheet
167Kb / 15P
   3-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91430N WINBOND-W91430N Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91440N WINBOND-W91440N Datasheet
163Kb / 14P
   10-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
logo
STMicroelectronics
MK53732 STMICROELECTRONICS-MK53732 Datasheet
874Kb / 12P
   TONE PULSE DIALER WITH LAST NUMBER AND SAVE FUNCTION
logo
Winbond
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Winbond
W91530N WINBOND-W91530N Datasheet
228Kb / 19P
   13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com