Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMG8852 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AMG8852
Description  Infrared Array Sensor Grid-EYE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AMG8852 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AMG8852 Datasheet HTML 1Page - Panasonic Semiconductor AMG8852 Datasheet HTML 2Page - Panasonic Semiconductor AMG8852 Datasheet HTML 3Page - Panasonic Semiconductor AMG8852 Datasheet HTML 4Page - Panasonic Semiconductor AMG8852 Datasheet HTML 5Page - Panasonic Semiconductor AMG8852 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Infrared Array Sensor Grid-EYE (AMG88)
PIXEL ARRAY AND VIEWING FIELD
OPTICAL PROPERTIES
DIMENSIONS (mm inch)
1. Pixel array
Pixel array from 1 to 64 is shown below.
2. Viewing field
Sensor viewing field (typical) is shown below.
64 63 62 61 60 59 58 57
56 55 54 53 52 51 50 49
48 47 46 45 44 43 42 41
40 39 38 37 36 35 34 33
32 31 30 29 28 27 26 25
24 23 22 21 20 19 18 17
16 15 14 13 12 11 10
9
87654321
Horizontal viewing angle 60
°
1. Each pixel’s viewing central angle
Sensor’s optical center (the origin of graph below) gap: within
±5.6° (Typical) (Both of horizontal and vertical directions)
2. Each pixel’s viewing angle (half angle)
Central 4 pixels (Pixel No. 28, 29, 36, 37) viewing angle
(half angle): horizontal direction 7.5
° (Typical)
vertical direction 8
° (Typical)
Horizontal viewing central angle, (
°)
Pixel number
Pixel number
61
61
57
57
53
53
49
49
45
45
41
41
37
37
33
33
29
29
25
25
21
21
17
17
13
13
99
55
11
20
15
10
5
0
20
15
10
5
0
External dimensions
P
51
w
QU
QU
I
wI
Lot No.
Lens
2.6 .102
2.0
.079
8.0
.315
11.6
.457
8.9
.350
14-0.5
14-.020
13-2.0
P1.27
×4
P.050
×4
10.9
.429
13-.079
7.8
.307
4.3
.169
1.5
.059
3.0
.118
Part No.
(Printed without “AMG88”)
5.3
.209
Tolerance outside of that indicated:
±0.2 ±.008
Note: Leave terminal “NC (No. Q, U, I, { and w)”
unconnected.
Make electrical potential of terminals O and
q the same.
Terminal layout
Q
NC
I
NC
W
SDA
O
VDD
E
SCL
P
AVDD-PC
R
INT
{
NC
T
AD_SELECT
}
DVDD-PC
Y
GND
q
VPP
U
NC
w
NC
Recommended PC board pad
*Four corners
4-0.8
4-.031
10-0.7
10-.028
P1.27±0.05
×4=5.08
P.050±.002
×4=.200
8.7
.343
3.5
.138
3.6
.142
(0.75)
(.030)
11.0±0.05
.433±.002
CAD Data
ASCTB22E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e


Similar Part No. - AMG8852

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AMG8853 PANASONICBATTERY-AMG8853 Datasheet
158Kb / 6P
   Infrared Array Sensor Grid-EYE
logo
Panasonic Semiconductor
AMG8853 PANASONIC-AMG8853 Datasheet
170Kb / 6P
   Infrared Array Sensor Grid-EYE
logo
Panasonic Battery Group
AMG8854 PANASONICBATTERY-AMG8854 Datasheet
158Kb / 6P
   Infrared Array Sensor Grid-EYE
logo
Panasonic Semiconductor
AMG8854 PANASONIC-AMG8854 Datasheet
170Kb / 6P
   Infrared Array Sensor Grid-EYE
AMG8854M01 PANASONIC-AMG8854M01 Datasheet
843Kb / 9P
   PC board mounting
30-Sep-20
More results

Similar Description - AMG8852

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AMG8833 PANASONICBATTERY-AMG8833 Datasheet
158Kb / 6P
   Infrared Array Sensor Grid-EYE
logo
Panasonic Semiconductor
AMG88 PANASONIC-AMG88 Datasheet
170Kb / 6P
   Infrared Array Sensor Grid-EYE
AMGU4241 PANASONIC-AMGU4241 Datasheet
321Kb / 9P
   Infrared Array Sensor Grid-EYE Unit Type
AMG88X543 PANASONIC-AMG88X543 Datasheet
965Kb / 10P
   Infrared Array Sensor Grid-EYE Surface Mount Type
10-Aug-22
logo
SparkFun Electronics
SEN-14607 SPARKFUN-SEN-14607 Datasheet
191Kb / 2P
   SparkFun Grid-EYE Infrared Array Breakout - AMG8833 (Qwiic)
5????8
logo
Maxim Integrated Produc...
MAXREFDES131 MAXIM-MAXREFDES131 Datasheet
141Kb / 6P
   1-WIRE GRID-EYE SENSOR
logo
Nippon Precision Circui...
SMH-01B01-01 NPC-SMH-01B01-01 Datasheet
426Kb / 13P
   PythPits Series Infrared Array Sensor Module
logo
Roithner LaserTechnik G...
ELA-880-22X60-2-6 ROITHNER-ELA-880-22X60-2-6 Datasheet
24Kb / 2P
   Infrared LED - Array
ELA-920-22X60-2-6 ROITHNER-ELA-920-22X60-2-6 Datasheet
24Kb / 2P
   Infrared LED - Array
ELA-810-22X60-2-6 ROITHNER-ELA-810-22X60-2-6 Datasheet
24Kb / 1P
   Infrared LED - Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com