Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856879-EVB Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # 856879-EVB
Description  782/751 MHz Duplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856879-EVB Datasheet(HTML) 9 Page - TriQuint Semiconductor

  856879-EVB Datasheet HTML 1Page - TriQuint Semiconductor 856879-EVB Datasheet HTML 2Page - TriQuint Semiconductor 856879-EVB Datasheet HTML 3Page - TriQuint Semiconductor 856879-EVB Datasheet HTML 4Page - TriQuint Semiconductor 856879-EVB Datasheet HTML 5Page - TriQuint Semiconductor 856879-EVB Datasheet HTML 6Page - TriQuint Semiconductor 856879-EVB Datasheet HTML 7Page - TriQuint Semiconductor 856879-EVB Datasheet HTML 8Page - TriQuint Semiconductor 856879-EVB Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
856879
782/751 MHz Duplexer
Data Sheet: Rev P 10/18/12
- 9 of 9 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
Product Compliance Information
ESD Information
ESD Rating: Class 0
Value:
Passes ≤ 150V min.
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class A
Value:
Passes ≤ 150V min.
Test:
Machine Model (MM)
Standard:
JEDEC Standard JESD22-A115
Solderability
Compatible with the latest version of J-STD-020, lead
free solder, 260°C
Refer to Soldering Profile for recommended guidelines.
This part is compliant with EU 2002/95/EC RoHS
directive (Restrictions on the Use of Certain Hazardous
Substances in Electrical and Electronic Equipment).
This product also has the following attributes:
Halogen Free (Chlorine, Bromine)
Antimony Free
TBBP-A (C15H12Br402) Free
PFOS Free
SVHC Free
MSL Rating
Devices are Hermetic, therefore MSL is not applicable
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information about
TriQuint:
Web:
www.triquint.com
Tel:
+1.407.886.8860
Email: info-sales@tqs.com
Fax:
+1.407.886.7061
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information contain
herein. TriQuint assumes no responsibility or liability whatsoever for any of the information contained herein. TriQuint
assumes no responsibility or liability whatsoever for the use of the information contained herein. The information contained
herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with such information is entirely with
the user. All information contained herein is subject to change without notice. Customers should obtain and verify the latest
relevant information before placing orders for TriQuint products. The information contained herein or any use of such
information does not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other intellectual property
rights, whether with regard to such information itself or anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-sustaining
applications, or other applications where a failure would reasonably be expected to cause severe personal injury or death.


Similar Part No. - 856879-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856879-EVB TRIQUINT-856879-EVB Datasheet
118Kb / 1P
   782/751 MHz Duplexer
More results

Similar Description - 856879-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856879 TRIQUINT-856879_15 Datasheet
118Kb / 1P
   782/751 MHz Duplexer
857181 TRIQUINT-857181_15 Datasheet
1Mb / 9P
   782/751 MHz Duplexer
logo
TAI-SAW TECHNOLOGY CO.,...
TA1152A TAI-SAW-TA1152A Datasheet
447Kb / 7P
   SAW Filter 782 MHz
TA1151A TAI-SAW-TA1151A Datasheet
437Kb / 7P
   SAW Filter 751 MHz
logo
Murata Manufacturing Co...
SF2315E MURATA-SF2315E Datasheet
308Kb / 4P
   782 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2441B TAI-SAW-TA2441B Datasheet
496Kb / 9P
   SAW Filter 782 MHz
logo
TriQuint Semiconductor
857061 TRIQUINT-857061 Datasheet
624Kb / 6P
   782 MHz Notch Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1605A TAI-SAW-TA1605A Datasheet
191Kb / 6P
   SAW Filter 782 MHz
TA1813B TAI-SAW-TA1813B Datasheet
535Kb / 9P
   SAW Filter 782 MHz
TF0090A TAI-SAW-TF0090A Datasheet
326Kb / 12P
   Duplexer 782/751MHz 10MHz BW SMD 2.0횞1.6 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com