Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91472N Datasheet(PDF) 3 Page - Winbond

Part # W91472N
Description  6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91472N Datasheet(HTML) 3 Page - Winbond

  W91472N Datasheet HTML 1Page - Winbond W91472N Datasheet HTML 2Page - Winbond W91472N Datasheet HTML 3Page - Winbond W91472N Datasheet HTML 4Page - Winbond W91472N Datasheet HTML 5Page - Winbond W91472N Datasheet HTML 6Page - Winbond W91472N Datasheet HTML 7Page - Winbond W91472N Datasheet HTML 8Page - Winbond W91472N Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
W91472N SERIES
Publication Release Date: May 1997
- 3 -
Revision A2
Pin Description, continued
SYMBOL
18-PIN
20-PIN
I/O
FUNCTION
MODE
13
15
I
Pulling mode pin to VSS places dialer in tone mode.
Pulling mode pin to VDD places dialer in pulse mode
with M/B ratio of 40:60 (10 ppS, except for
91472BN/472CN = 20 ppS).
Leaving mode pin floating places dialer in pulse mode
with M/B ratio of 33.3:66.7 (10 ppS, except for
W91472BN/472CN = 20 ppS).
HKS
10
12
I
The HKS input is used to sense whether the handset is
on-hook or off-hook.
In on-hook state, HKS = 1: chip is in sleeping mode, no
operation.
In off-hook state, HKS = 0: chip is enabled for normal
operation.
HKS pin is pulled to VDD by internal resistor.
DP / C6
11
13
O
N-channel open drain dialing pulse output.
Flash key will cause DP to be active in either tone mode
or pulse mode.
The timing diagram for pulse mode is shown in Figure 1
(a, b, c, d).
DTMF
12
14
O
During pulse dialing, this pin remains in low state
regardless of keypad input. In the tone mode, it will
output a dual or single tone.
A detailed timing diagram for tone mode is shown in
Figure 2 (a, b, c, d).
R1
R2
R3
R4
C1
C2
C3
Specified
697
770
852
941
1209
1336
1477
699
766
848
948
1216
1332
1472
Actual
+0.28
-0.52
-0.47
+0.74
+0.57
-0.30
-0.34
Error %
OUTPUT FREQUENCY
VDD, VSS
14, 6
16, 6
I
Power input pins for the dialer chip. VDD is the main
power and VSS is the ground.


Similar Part No. - W91472N

ManufacturerPart #DatasheetDescription
logo
Winbond
W91473 WINBOND-W91473 Datasheet
236Kb / 20P
   14-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION
W91473A WINBOND-W91473A Datasheet
236Kb / 20P
   14-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION
W91473AL WINBOND-W91473AL Datasheet
236Kb / 20P
   14-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION
W91473B WINBOND-W91473B Datasheet
236Kb / 20P
   14-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION
W91473BL WINBOND-W91473BL Datasheet
236Kb / 20P
   14-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION
More results

Similar Description - W91472N

ManufacturerPart #DatasheetDescription
logo
Winbond
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91530N WINBOND-W91530N Datasheet
228Kb / 19P
   13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
W91540N WINBOND-W91540N Datasheet
222Kb / 19P
   10-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE,LOCK AND HANDFREE FUNCTION
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
logo
Winbond
W91460N WINBOND-W91460N Datasheet
167Kb / 15P
   3-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91430N WINBOND-W91430N Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91440N WINBOND-W91440N Datasheet
163Kb / 14P
   10-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91340N WINBOND-W91340N Datasheet
194Kb / 15P
   10-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com