Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GA355QR7GF222KW01L Datasheet(PDF) 4 Page - Vicor Corporation

Part # GA355QR7GF222KW01L
Description  VI BRICK짰 AC Front End Evaluation Board
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

GA355QR7GF222KW01L Datasheet(HTML) 4 Page - Vicor Corporation

  GA355QR7GF222KW01L Datasheet HTML 1Page - Vicor Corporation GA355QR7GF222KW01L Datasheet HTML 2Page - Vicor Corporation GA355QR7GF222KW01L Datasheet HTML 3Page - Vicor Corporation GA355QR7GF222KW01L Datasheet HTML 4Page - Vicor Corporation GA355QR7GF222KW01L Datasheet HTML 5Page - Vicor Corporation GA355QR7GF222KW01L Datasheet HTML 6Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
vicorpower.com
Applications Engineering: 800 735.6200
Rev 1.2
Page 4
The load should be connected to +OUT and –OUT terminals of the evaluation board
with short leads of suitable gauge to carry the output current and minimize losses.
A sufficient number of terminal connections should be used to ensure that no
terminal sees more than its maximum rated current. The evaluation board can be
connected directly to the application for which the module is intended. However
the interconnect impedances between the evaluation board and the application
can greatly affect the transient response. For applications where transient response
is critical, the user should consider mounting the VI BRICK AC Front End module
directly to the target application PCB. Test points TP12 (–OUT) and TP07 (+OUT) can
be used to monitor the output and are located on the PCB adjacent to the output
terminals of the AC Front End module.
Earth Connections
There are several earth connections available on the board. Earth must be connected
via a low impedance connection in order for the internal line filter to function. These
earth connections also provide a safety ground for the baseplate of the module.
Earth may optionally be connected to either of the VI BRICK AC Front End outputs in
order to provide a positive or negative voltage rail with respect to earth.
Output Voltage Measurement Jack (J12)
This connector is provided to make accurate measurements of the output ripple
voltage of the VI BRICK AC Front End. Many types of scope probes may be directly
connected to this point if the probe is equipped with a removable plastic sheath.
To avoid creating ground loops when making measurements of the output or input
voltage, these measurements should be made separately.
Figure 2
VI BRICK AC Front End
Output capacitor (C29) can be
added to reduce switching frequency
voltage ripple at the probe.
(Click on drawing to view larger.)


Similar Part No. - GA355QR7GF222KW01L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GA355QR7GF222KW01L MURATA1-GA355QR7GF222KW01L Datasheet
205Kb / 1P
   MURATA Safety Rated Ceramic Chip Capacitors
2012
More results

Similar Description - GA355QR7GF222KW01L

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
FE175D480M033FP-CB VICOR-FE175D480M033FP-CB Datasheet
3Mb / 20P
   VI Brick짰 AC Front End
IB050Q096T70N1-CB VICOR-IB050Q096T70N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
IB050Q096T64N1-CB VICOR-IB050Q096T64N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
IB050E096T48N1-CB VICOR-IB050E096T48N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
IB048E096T40N1-CB VICOR-IB048E096T40N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
IB050E096T40N1-CB VICOR-IB050E096T40N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
VI-AIM-E1 VICOR-VI-AIM-E1 Datasheet
84Kb / 2P
   VI-AIM (Universal AC Input Front End Module)
logo
NXP Semiconductors
AN11101 NXP-AN11101 Datasheet
632Kb / 20P
   BGU7007 GPS front end evaluation board
Rev. 1-7 September 2011
logo
Vicor Corporation
LCAS6-10-L VICOR-LCAS6-10-L Datasheet
693Kb / 4P
   VI CHIP Evaluation Board
logo
Analog Devices
EVAL-AD73360LEB AD-EVAL-AD73360LEB Datasheet
285Kb / 9P
   AD73360L Evaluation Board, Six Input Channel Analog Front End
REV. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com