Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5907 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 3 Page - Texas Instruments

  LP5907 Datasheet HTML 1Page - Texas Instruments LP5907 Datasheet HTML 2Page - Texas Instruments LP5907 Datasheet HTML 3Page - Texas Instruments LP5907 Datasheet HTML 4Page - Texas Instruments LP5907 Datasheet HTML 5Page - Texas Instruments LP5907 Datasheet HTML 6Page - Texas Instruments LP5907 Datasheet HTML 7Page - Texas Instruments LP5907 Datasheet HTML 8Page - Texas Instruments LP5907 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LP5907
www.ti.com
SNVS798D – APRIL 2012 – REVISED NOVEMBER 2012
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Input voltage
–0.3
6
V
VOUT
Output voltage
–0.3 to (VIN + 0.3 V)
6
V
VEN
Enable input voltage
–0.3 to (VIN + 0.3 V)
6
V
Continuous power dissipation(3)
Internally Limited
Junction temperature (TJMAX)
150
°C
Storage temperature range
–65
150
°C
Maximum lead temperature (soldering, 10 seconds)
260
°C
Human body model
2
kV
ESD rating(4)
Machine model
200
V
(1)
If Military or Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability
and specifications.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage.
(4)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin. MIL-STD-883 3015.7
OPERATING RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage range
2.2
5.5
V
VEN
Enable voltage range
0 to (VIN + 0.3)
5.5
V
Recommended load current(3)
0
250
mA
TJ
Junction temperature range
–40
+125
°C
TA
Ambient temperature range(3)
–40
+85
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX). See applications section.
THERMAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Micro SMD
119.6
JEDEC board(2)
Junction to ambient thermal
θJA
SOT23
188.8
°C/W
resistance(1)
4L cellphone board (micro SMD)
186.5
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
(2)
Detailed description of the board can be found in JESD51-7
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP5907


Similar Part No. - LP5907

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5907 TI1-LP5907 Datasheet
774Kb / 13P
[Old version datasheet]   Ultra Low-Noise, 250 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5907 TI-LP5907 Datasheet
2Mb / 47P
[Old version datasheet]   LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow-Noise, 250-mA Linear Regulator
LP5907 TI1-LP5907 Datasheet
1Mb / 36P
[Old version datasheet]   250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907 Datasheet
1Mb / 36P
[Old version datasheet]   250-mA Ultra-Low-Noise, Low-IQ LDO
More results

Similar Description - LP5907

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5907 TI1-LP5907 Datasheet
774Kb / 13P
[Old version datasheet]   Ultra Low-Noise, 250 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5907_15 TI-LP5907_15_15 Datasheet
1Mb / 36P
[Old version datasheet]   LP5907 Ultra Low-Noise, 250-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
logo
ON Semiconductor
NCP160 ONSEMI-NCP160 Datasheet
800Kb / 20P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
May, 2015 ??Rev. 6
logo
Texas Instruments
LP8900 TI-LP8900_15 Datasheet
1Mb / 23P
[Old version datasheet]   LP8900 Ultra-Low-Noise, Dual 200-mA Linear Regulator For RF and Analog Circuits
LP5907-Q1 TI-LP5907-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   LP5907-Q1 Ultra Low-Noise, 250-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
logo
National Semiconductor ...
LP8900 NSC-LP8900 Datasheet
351Kb / 14P
   Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
LP5900 NSC-LP5900 Datasheet
645Kb / 10P
   Ultra Low Noise, 100 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
logo
Texas Instruments
LP5904 TI-LP5904_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5910 TI-LP5910_15 Datasheet
994Kb / 27P
[Old version datasheet]   LP5910 Ultra-Low-Noise, 300-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
LP5904 TI1-LP5904 Datasheet
4Mb / 17P
[Old version datasheet]   Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com