Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91510DN Datasheet(PDF) 10 Page - Winbond

Part # W91510DN
Description  TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91510DN Datasheet(HTML) 10 Page - Winbond

Back Button W91510DN Datasheet HTML 6Page - Winbond W91510DN Datasheet HTML 7Page - Winbond W91510DN Datasheet HTML 8Page - Winbond W91510DN Datasheet HTML 9Page - Winbond W91510DN Datasheet HTML 10Page - Winbond W91510DN Datasheet HTML 11Page - Winbond W91510DN Datasheet HTML 12Page - Winbond W91510DN Datasheet HTML 13Page - Winbond W91510DN Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Preliminary W91510DN SERIES
- 10 -
ABSOLUTION MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
DC Supply Voltage
VDD
−VSS
-0.3 to +7.0
V
VIL
VSS
−0.3
Input/Output Voltage
VIH
VDD +0.3
V
VOL
VSS
−0.3
VOH
VDD +0.3
Power Dissipation
PD
120
mW
Operating Temperature
TOPR
-0.5 to +70
°C
Storage Temperature
TSTG
-55 to +125
°C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability
of the device.
ELECTRICAL CHARACTERISTICS
DC CHARACTERISTICS
(VDD
VSS = 2.5V. FOSC = 3.58 MHz, TA = 25
° C, all outputs unloaded.)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operating Voltage
VDD
-
2.0
-
5.5
V
Operating Current
IOP
Tone, Unloaded
-
0.5
0.7
mA
Pulse, Unloaded
-
0.4
0.5
Standby Current
ISB
HKS = 0, Unloaded
and no key entry
-
-
15
µA
Memory Retention Current
IMR
HKS = 1
VDD = 1.0V
-
-
0.5
µA
Tone Output Voltage
VTO
Row group
RL = 10 K
130
150
170
mVrms
Pre-emphasis
Col/Row
VDD = 2.0 to 5.5V
-
2
3
dB
DTMF Distortion
THD
RL = 10 K
VDD = 2.0 to 5.5V
-
-30
-23
dB
DTMF Output DC Level
VTDC
VDD = 2.0 to 5.5V
1.0
-
3.0
V
DTMF Output Sink
Current
ITL
VTO = 0.5V
0.2
-
-
mA
DP
Output Sink Current
IPL
VPO = 0.5V
0.5
-
-
mA


Similar Part No. - W91510DN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91510 WINBOND-W91510 Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510AN WINBOND-W91510AN Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
More results

Similar Description - W91510DN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91560DN WINBOND-W91560DN Datasheet
487Kb / 33P
   3-MEMORY TONE/PULSE DIALER WITH RTC AND LCD DISPALY FUNCTIONS
logo
ELAN Microelectronics C...
EM91465 EMC-EM91465 Datasheet
280Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
logo
Winbond
W91550DN WINBOND-W91550DN Datasheet
468Kb / 32P
   13-MEMORY TONE/PULSE DIALER WITH LCD AND LOCK FUNCTION
logo
ELAN Microelectronics C...
EM91455 EMC-EM91455 Datasheet
199Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91450 EMC-EM91450 Datasheet
213Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Silan Microelectronics ...
SC91316 SILAN-SC91316 Datasheet
118Kb / 14P
   TONE / PULSE DIALER WITH REDIAL FUNCTION
logo
Winbond
W91210 WINBOND-W91210 Datasheet
202Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Integral Corp.
IL91214 INTEGRAL-IL91214 Datasheet
1,008Kb / 11P
   Tone/Pulse Dialer with Flash Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com