Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5907SNE-2.8-NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LP5907SNE-2.8-NOPB
Description  ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907SNE-2.8-NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP5907SNE-2.8-NOPB Datasheet HTML 4Page - Texas Instruments LP5907SNE-2.8-NOPB Datasheet HTML 5Page - Texas Instruments LP5907SNE-2.8-NOPB Datasheet HTML 6Page - Texas Instruments LP5907SNE-2.8-NOPB Datasheet HTML 7Page - Texas Instruments LP5907SNE-2.8-NOPB Datasheet HTML 8Page - Texas Instruments LP5907SNE-2.8-NOPB Datasheet HTML 9Page - Texas Instruments LP5907SNE-2.8-NOPB Datasheet HTML 10Page - Texas Instruments LP5907SNE-2.8-NOPB Datasheet HTML 11Page - Texas Instruments LP5907SNE-2.8-NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
SVA-30180521
0
50
100
150
200
250
0
20
40
60
80
100
120
140
LOAD CURRENT (mA)
Dropout Voltage
SVA-30180573
20 s/DIV
VOUT
1V/DIV
EN
1V/DIV
SVA-30180515
20 s/DIV
VOUT
1V/DIV
EN
1V/DIV
SVA-30180516
100 s/DIV
VOUT
100 mV/DIV
LOAD
200 mA/DIV
SVA-30180513
100 s/DIV
VOUT
100 mV/DIV
LOAD
200 mA/DIV
SVA-30180514
LP5907
SNVS798D – APRIL 2012 – REVISED NOVEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Unless otherwise noted, these curves apply to the micro SMD package only, VOUT = 2.8 V, VIN = 3.7 V, EN = 1.2 V,
CIN = 1 µF, COUT = 1 µF, TA = 25°C.
Load Transient,
Load Transient,
Load = 0 mA
↔ 250 mA, 90°C
Load = 0 mA
↔ 250 mA, 25°C
Startup 0 mA
Startup 250 mA
Dropout Voltage
vs
Noise Density Test
Load Current
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LP5907


Similar Part No. - LP5907SNE-2.8-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5907SNX-1.2/NOPB TI1-LP5907SNX-1.2/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow-Noise, 250-mA Linear Regulator
LP5907SNX-1.2/NOPB TI1-LP5907SNX-1.2/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907SNX-1.2/NOPB TI1-LP5907SNX-1.2/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907SNX-1.2/NOPB TI1-LP5907SNX-1.2/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907SNX-1.2/NOPB TI1-LP5907SNX-1.2/NOPB Datasheet
2Mb / 48P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
More results

Similar Description - LP5907SNE-2.8-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5907 TI1-LP5907 Datasheet
774Kb / 13P
[Old version datasheet]   Ultra Low-Noise, 250 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5907_15 TI-LP5907_15_15 Datasheet
1Mb / 36P
[Old version datasheet]   LP5907 Ultra Low-Noise, 250-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
logo
ON Semiconductor
NCP160 ONSEMI-NCP160 Datasheet
800Kb / 20P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
May, 2015 ??Rev. 6
logo
Texas Instruments
LP8900 TI-LP8900_15 Datasheet
1Mb / 23P
[Old version datasheet]   LP8900 Ultra-Low-Noise, Dual 200-mA Linear Regulator For RF and Analog Circuits
LP5907-Q1 TI-LP5907-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   LP5907-Q1 Ultra Low-Noise, 250-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
logo
National Semiconductor ...
LP8900 NSC-LP8900 Datasheet
351Kb / 14P
   Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
LP5900 NSC-LP5900 Datasheet
645Kb / 10P
   Ultra Low Noise, 100 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
logo
Texas Instruments
LP5904 TI-LP5904_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5910 TI-LP5910_15 Datasheet
994Kb / 27P
[Old version datasheet]   LP5910 Ultra-Low-Noise, 300-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
LP5904 TI1-LP5904 Datasheet
4Mb / 17P
[Old version datasheet]   Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com