Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5825PMB1 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5825PMB1
Description  MAX5825PMB1 Peripheral Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5825PMB1 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5825PMB1 Datasheet HTML 1Page - Maxim Integrated Products MAX5825PMB1 Datasheet HTML 2Page - Maxim Integrated Products MAX5825PMB1 Datasheet HTML 3Page - Maxim Integrated Products MAX5825PMB1 Datasheet HTML 4Page - Maxim Integrated Products MAX5825PMB1 Datasheet HTML 5Page - Maxim Integrated Products MAX5825PMB1 Datasheet HTML 6Page - Maxim Integrated Products MAX5825PMB1 Datasheet HTML 7Page - Maxim Integrated Products MAX5825PMB1 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX5825PMB1 peripheral module provides the nec-
essary hardware to interface the MAX5825 8-channel DAC
to any system that utilizes PmodK-compatible expansion
ports configurable for I2C communication. The IC features
eight independent 12-bit accurate internally buffered
voltage-output DAC channels. The IC also features an
internal reference that is selectable between 2.048V,
2.500V, and 4.096V (4.096V reference operation is not
supported with a standard 3.3V Pmod-port power supply).
Features
S
Eight High-Accuracy DAC Channels
S
12-Bit Accuracy without Adjustment
S
Precision Voltage Reference Internal to the IC
S
Provision for Optional External Reference Input
S
Jumper-Selectable I2C Address Setting
S
6-Pin Pmod-Compatible Connector (I2C)
S
Secondary Header Allows Daisy-Chaining of
Additional Modules on the I2C Bus
S
Example Software Written in C for Portability
S
RoHS Compliant
S
Proven PCB Layout
S
Fully Assembled and Tested
MAX5825PMB1 Peripheral Module
_________________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
MAX5825PMB1 Peripheral Module
19-6313; Rev 0; 5/12
Ordering Information appears at end of data sheet.
Pmod is a trademark of Digilent Inc.


Similar Part No. - MAX5825PMB1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5825 MAXIM-MAX5825 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 2; 2/13
MAX5825 MAXIM-MAX5825 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and IC Interface
Rev 2; 2/13
MAX5825A MAXIM-MAX5825A Datasheet
7Mb / 18P
   MAX5825A Evaluation Kit
Rev 0; 5/12
MAX5825AAUP MAXIM-MAX5825AAUP Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and IC Interface
Rev 2; 2/13
MAX5825AAUP++ MAXIM-MAX5825AAUP+ Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 2; 2/13
More results

Similar Description - MAX5825PMB1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231MPMB1 MAXIM-DS3231MPMB1 Datasheet
1Mb / 7P
   DS3231MPMB1 Peripheral Module
Rev 0; 5/12
MAX14840PMB1 MAXIM-MAX14840PMB1 Datasheet
1Mb / 7P
   MAX14840PMB1 Peripheral Module
Rev 0; 5/12
MAX44000PMB1 MAXIM-MAX44000PMB1 Datasheet
1Mb / 7P
   MAX44000PMB1 Peripheral Module
Rev 0; 5/12
MAX3232PMB1 MAXIM-MAX3232PMB1 Datasheet
1Mb / 9P
   MAX3232PMB1 Peripheral Module
Rev 0; 5/12
MAX14850PMB1 MAXIM-MAX14850PMB1 Datasheet
1Mb / 7P
   MAX14850PMB1 Peripheral Module
Rev 0; 5/12
MAX31855PMB1 MAXIM-MAX31855PMB1 Datasheet
936Kb / 7P
   MAX31855PMB1 Peripheral Module
Rev 0; 5/12
MAX7304PMB1 MAXIM-MAX7304PMB1 Datasheet
1Mb / 8P
   MAX7304PMB1 Peripheral Module
Rev 0; 5/12
DS1086LPMB1 MAXIM-DS1086LPMB1 Datasheet
1Mb / 8P
   DS1086LPMB1 Peripheral Module
Rev 0; 5/12
MAX4824PMB1 MAXIM-MAX4824PMB1 Datasheet
2Mb / 7P
   MAX4824PMB1 Peripheral Module
Rev 0; 5/12
MAX5216PMB1 MAXIM-MAX5216PMB1 Datasheet
1Mb / 7P
   MAX5216PMB1 Peripheral Module
Rev 0; 5/12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com